전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W681511 데이터시트 (PDF) - Nuvoton Technology Corporation

W681511 Datasheet PDF - Nuvoton Technology Corporation
부품명 W681511
다운로드  W681511 다운로드
파일 크기   931.66 Kbytes
페이지   32 Pages
제조업체  NUVOTON [Nuvoton Technology Corporation]
홈페이지  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation
상세설명 SINGLE-CHANNEL VOICEBAND CODEC

W681511 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
W681511 Datasheet PDF - Nuvoton Technology Corporation

부품명 W681511
다운로드  W681511 Click to download

파일 크기   931.66 Kbytes
페이지   32 Pages
제조업체  NUVOTON [Nuvoton Technology Corporation]
홈페이지  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation
상세설명 SINGLE-CHANNEL VOICEBAND CODEC

W681511 데이터시트 (HTML) - Nuvoton Technology Corporation


W681511 제품 세부 정보

GENERAL DESCRIPTION
The W681511 is a general-purpose single channel PCM CODEC with pin-selectable μ-Law or A-Law companding. The device is compliant with the ITU G.712 specification. It operates off of a single +5V power supply and is available in 20-pin SOG package options. Functions performed include digitization and reconstruction of voice signals, and band limiting and smoothing filters required for PCM systems. The filters are compliant with ITU G.712 specification. W681511 performance is specified over the industrial temperature range of –40°C to +85°C.

FEATURES
• Single +5V power supply
• Typical power dissipation of 25 mW, power-down mode of 0.5 μW
• Fully-differential analog circuit design
• On-chip precision reference of 1.575 V for a 0 dBm TLP at 600 Ω
• Push-pull power amplifiers with external gain adjustment with 300 Ω load capability
• Seven master clock rates of 256 kHz to 4.096 MHz
• Pin-selectable μ-Law and A-Law companding (compliant with ITU G.711)
• CODEC A/D and D/A filtering compliant with ITU G.712
• Industrial temperature range (–40°C to +85°C)
• Package: 20-pin SOG

ApplIcations
• Digital Telephone Systems
• Central Office Equipment (Gateways, Switches, Routers)
• PBX Systems (Gateways, Switches)
• PABX/SOHO Systems
• Local Loop card
• SOHO Routers
• VoIP Terminals
• Enterprise Phones
• ISDN Terminals
• Analog line cards
• Digital Voice Recorders




유사한 부품 번호 - W681511

제조업체부품명데이터시트상세설명
logo
Winbond
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511 ETC2-W681511 Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681511IS WINBOND-W681511IS Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
More results


유사한 설명 - W681511

제조업체부품명데이터시트상세설명
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
3V SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com