전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMB25A06S 데이터시트 (PDF) - Excelliance MOS Corp.

EMB25A06S Datasheet PDF - Excelliance MOS Corp.
부품명 EMB25A06S
다운로드  EMB25A06S 다운로드
파일 크기   210.16 Kbytes
페이지   5 Pages
제조업체  EXCELLIANCE [Excelliance MOS Corp.]
홈페이지  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
상세설명 Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB25A06S Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
EMB25A06S Datasheet PDF - Excelliance MOS Corp.

부품명 EMB25A06S
다운로드  EMB25A06S Click to download

파일 크기   210.16 Kbytes
페이지   5 Pages
제조업체  EXCELLIANCE [Excelliance MOS Corp.]
홈페이지  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
상세설명 Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB25A06S 데이터시트 (HTML) - Excelliance MOS Corp.


EMB25A06S 제품 세부 정보

Product Summary:
   BVDSS 60V
   RDSON (MAX.) 30mΩ
   ID 7A

UIS, 100% Tested
Pb‐Free Lead Plating




유사한 부품 번호 - EMB25A06S

제조업체부품명데이터시트상세설명
logo
Excelliance MOS Corp.
EMB25N06A EXCELLIANCE-EMB25N06A Datasheet
230Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB25N10A EXCELLIANCE-EMB25N10A Datasheet
218Kb / 6P
N‐Channel Logic Level Enhancement Mode Field Effect Transistor
2010/7/19
EMB25P04A EXCELLIANCE-EMB25P04A Datasheet
215Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


유사한 설명 - EMB25A06S

제조업체부품명데이터시트상세설명
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB17A03H EXCELLIANCE-EMB17A03H Datasheet
218Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21A03V EXCELLIANCE-EMB21A03V Datasheet
185Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22A04G EXCELLIANCE-EMB22A04G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5A10G EXCELLIANCE-EMBA5A10G Datasheet
194Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBJ7A25V EXCELLIANCE-EMBJ7A25V Datasheet
182Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF14A02V EXCELLIANCE-EMF14A02V Datasheet
219Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30G02K EXCELLIANCE-EMF30G02K Datasheet
226Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF50A02VA EXCELLIANCE-EMF50A02VA Datasheet
201Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZF20A02V EXCELLIANCE-EMZF20A02V Datasheet
191Kb / 5P
Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com