전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC16244A-Q100 데이터시트 (PDF) - Nexperia B.V. All rights reserved

74LVC16244A-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
부품명 74LVC16244A-Q100
다운로드  74LVC16244A-Q100 다운로드
파일 크기   238.14 Kbytes
페이지   13 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 16-bit buffer/line driver; 5 V input/output tolerant; 3-state

74LVC16244A-Q100 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
74LVC16244A-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

부품명 74LVC16244A-Q100
다운로드  74LVC16244A-Q100 Click to download

파일 크기   238.14 Kbytes
페이지   13 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 16-bit buffer/line driver; 5 V input/output tolerant; 3-state

74LVC16244A-Q100 데이터시트 (HTML) - Nexperia B.V. All rights reserved


74LVC16244A-Q100 제품 세부 정보

General description
The 74LVC16244A-Q100; 74LVCH16244A-Q100 are 16-bit non-inverting buffer/line drivers with 3-state bus compatible outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. It features four output enable inputs, (1OE to 4OE) each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a high-impedance OFF-state.
Inputs can be driven from either 3.3 V or 5 V devices. When disabled, up to 5.5 V can be applied to the outputs. These features allow the use of these devices in mixed 3.3 V and 5 V applications.
The 74LVCH16244A-Q100 bus hold on data inputs eliminates the need for external pull-up resistors to hold unused inputs.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• Multibyte flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• High-impedance when VCC = 0 V
• All data inputs have bus hold. (74LVCH16244A-Q100 only)
• Complies with JEDEC standard:
    • JESD8-7A (1.65 V to 1.95 V)
    • JESD8-5A (2.3 V to 2.7 V)
    • JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
    • MIL-STD-883, method 3015 exceeds 2000 V
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
    • CDM ANSI/ESDA/Jedec JS-002 exceeds 1000 V




유사한 부품 번호 - 74LVC16244A-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC16244ABQ NXP-74LVC16244ABQ Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
More results


유사한 설명 - 74LVC16244A-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74LVC32244A PHILIPS-74LVC32244A Datasheet
76Kb / 16P
32-bit buffer/line driver; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com