전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4852-Q100 데이터시트 (PDF) - Nexperia B.V. All rights reserved

74HC4852-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
부품명 74HC4852-Q100
다운로드  74HC4852-Q100 다운로드
파일 크기   847.92 Kbytes
페이지   21 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HC4852-Q100 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
74HC4852-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

부품명 74HC4852-Q100
다운로드  74HC4852-Q100 Click to download

파일 크기   847.92 Kbytes
페이지   21 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control

74HC4852-Q100 데이터시트 (HTML) - Nexperia B.V. All rights reserved


74HC4852-Q100 제품 세부 정보

General description
The 74HC4852-Q100; 74HCT4852-Q100 are high-speed Si-gate CMOS devices and are specified in compliance with JEDEC standard no. 7A.
The injection-current effect control allows signals at disabled analog input channels to exceed the supply voltage without affecting the signal of the enabled analog channel. This eliminates the need for external diode/resistor networks typically used to keep the analog channel signals within the supply-voltage range.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Injection-current cross coupling < 1 mV/mA
■ Wide supply voltage range from 2.0 V to 6.0 V for 74HC4852-Q100
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pf, R = 0 Ω)
■ Latch-up performance exceeds 100 mA per JESD 78 Class II level A
■ Low ON-state resistance:
    ◆ 400 Ω (typical) at VCC = 2.0 V
    ◆ 215 Ω (typical) at VCC = 3.0 V
    ◆ 120 Ω (typical) at VCC = 3.3 V
    ◆ 76 Ω (typical) at VCC = 4.5 V
    ◆ 59 Ω (typical) at VCC = 6.0 V

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating
■ Automotive application




유사한 부품 번호 - 74HC4852-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4852 NXP-74HC4852 Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
List of Unclassifed Man...
74HC4852 ETC2-74HC4852 Datasheet
306Kb / 15P
Dual 4:1 channel analog MUX/DEMUX with injection current protection
logo
Nexperia B.V. All right...
74HC4852 NEXPERIA-74HC4852 Datasheet
297Kb / 19P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HC4852BQ NXP-74HC4852BQ Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852BQ NEXPERIA-74HC4852BQ Datasheet
297Kb / 19P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


유사한 설명 - 74HC4852-Q100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852_07 Datasheet
463Kb / 22P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852 TI-SN74HC4852_08 Datasheet
531Kb / 20P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4852 NXP-74HCT4852 Datasheet
114Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4852-Q1 TI1-SN74HC4852-Q1 Datasheet
319Kb / 18P
DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com