전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC163-Q100 데이터시트 (PDF) - Nexperia B.V. All rights reserved

74HC163-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
부품명 74HC163-Q100
다운로드  74HC163-Q100 다운로드
파일 크기   294.01 Kbytes
페이지   19 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Presettable synchronous 4-bit binary counter; synchronous reset

74HC163-Q100 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
74HC163-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

부품명 74HC163-Q100
다운로드  74HC163-Q100 Click to download

파일 크기   294.01 Kbytes
페이지   19 Pages
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
상세설명 Presettable synchronous 4-bit binary counter; synchronous reset

74HC163-Q100 데이터시트 (HTML) - Nexperia B.V. All rights reserved


74HC163-Q100 제품 세부 정보

General description
The 74HC163-Q100; 74HCT163-Q100 is a synchronous presettable binary counter with an internal look-head carry. Synchronous operation is provided by having all flip-flops clocked simultaneously on the positive-going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset to a HIGH or LOW. A LOW at the parallel enable input (PE) disables the counting action. It causes the data at the data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of the clock. Preset takes place regardless of the levels at count enable inputs (CEP and CET). A LOW at the master reset input (MR) sets Q0 to Q3 LOW after the next positive-going transition on the clock input (CP). This action occurs regardless of the levels at input pins PE, CET and CEP. This synchronous reset feature enables the designer to modify the maximum count with only one external NAND gate. The look-ahead carry simplifies serial cascading of the counters. Both CEP and CET must be HIGH to count. The CET input is fed forward to enable the terminal count output (TC). The TC output thus enabled will produce a HIGH output pulse of a duration approximately equal to a HIGH output of Q0. This pulse can be used to enable the next cascaded stage. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
   • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Complies with JEDEC standard no. 7A
• Input levels:
   • For 74HC163: CMOS level
   • For 74HCT163: TTL level
• Synchronous counting and loading
• 2 count enable inputs for n-bit cascading
• Synchronous reset
• Positive-edge triggered clock
• ESD protection:
   • MIL-STD-883, method 3015 exceeds 2000 V
   • HBM JESD22-A114F exceeds 2000 V
   • MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)
• Multiple package options




유사한 부품 번호 - 74HC163-Q100

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
292Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
More results


유사한 설명 - 74HC163-Q100

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com