| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Infineon Technologies A... |
BTF6070-2ERV
|
1Mb / 42P |
Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25 |
|
BTS5200-1ENA
|
1Mb / 45P |
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14 |
|
BTT6010-1ERB
|
1Mb / 47P |
Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09 |
|
BTT6030-2ERA
|
1Mb / 55P |
Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09 |
|
BTT6100-2ERA
|
1Mb / 47P |
Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09 |
|
BTS40K2-1ENC
|
1Mb / 40P |
Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14 |
|
BTT6020-1ERA
|
1Mb / 53P |
Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09 |
|
ITS4040D-EP-D
|
1Mb / 44P |
40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14 |
|
BTT6050-2ERA
|
1Mb / 53P |
Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09 |
|
BTT6050-1ERA
|
1Mb / 53P |
Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09 |