전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZA028LDMT3 데이터시트 (PDF) - Mallory Sonalert Products Inc

ZA028LDMT3 Datasheet PDF - Mallory Sonalert Products Inc
부품명 ZA028LDMT3
다운로드  ZA028LDMT3 다운로드
파일 크기   133.59 Kbytes
페이지   1 Pages
제조업체  MSPI [Mallory Sonalert Products Inc]
홈페이지  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
상세설명 Modulating, Non-Spring Return, 24 V, Multi-Function Technology

ZA028LDMT3 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ZA028LDMT3 Datasheet PDF - Mallory Sonalert Products Inc

부품명 ZA028LDMT3
다운로드  ZA028LDMT3 Click to download

파일 크기   133.59 Kbytes
페이지   1 Pages
제조업체  MSPI [Mallory Sonalert Products Inc]
홈페이지  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
상세설명 Modulating, Non-Spring Return, 24 V, Multi-Function Technology

ZA028LDMT3 데이터시트 (HTML) - Mallory Sonalert Products Inc




유사한 부품 번호 - ZA028LDMT3

제조업체부품명데이터시트상세설명
logo
Mallory Sonalert Produc...
ZA028LDMT1 MSPI-ZA028LDMT1 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole.
ZA028LDMT2 MSPI-ZA028LDMT2 Datasheet
133Kb / 1P
Voltage Rating: 16 to 28 VDC
ZA028LDMT4 MSPI-ZA028LDMT4 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA028LDMT5 MSPI-ZA028LDMT5 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZA028LDMT6 MSPI-ZA028LDMT6 Datasheet
133Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


유사한 설명 - ZA028LDMT3

제조업체부품명데이터시트상세설명
logo
BELIMO AIRCONTROLS (USA...
AMX24-MFT BELIMO-AMX24-MFT Datasheet
902Kb / 3P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
GMX24-MFT BELIMO-GMX24-MFT Datasheet
1Mb / 4P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
LMX24-MFT BELIMO-LMX24-MFT Datasheet
903Kb / 3P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
NMB24-MFT BELIMO-NMB24-MFT Datasheet
901Kb / 3P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
NMCX24-MFT BELIMO-NMCX24-MFT Datasheet
901Kb / 3P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
NMX24-MFT BELIMO-NMX24-MFT Datasheet
901Kb / 3P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
AMQX24-MFT BELIMO-AMQX24-MFT Datasheet
695Kb / 2P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
LMQB24-MFT BELIMO-LMQB24-MFT Datasheet
658Kb / 2P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
LMQX24-MFT BELIMO-LMQX24-MFT Datasheet
658Kb / 2P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
NMQX24-MFT BELIMO-NMQX24-MFT Datasheet
696Kb / 2P
Modulating, Non-Spring Return, 24 V, Multi-Function Technology
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com