| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
TRV00803
|
91Kb / 2P |
communication cable, 2 x RJ45 male connectors, 0.3 m length, set of 10 parts
Dec 10, 2020 |
|
TRV00806
|
91Kb / 2P |
communication cable, 2 x RJ45 male connectors, 0.6 m length, set of 10 parts
Dec 10, 2020 |
|
TRV00820
|
91Kb / 2P |
communication cable, 2 x RJ45 male connectors, 2 m length, set of 5 parts
Dec 10, 2020 |
|
TRV00830
|
91Kb / 2P |
communication cable, 2 x RJ45 male connectors, 3 m length, set of 5 parts
Dec 10, 2020 |
|
TRV00850
|
92Kb / 2P |
communication cable, 2 x RJ45 male connectors, 5 m length, set of 5 parts
Dec 10, 2020 |
|
TRV00870
|
154Kb / 2P |
RJ45 double connector, female-female, set of 5 parts
Dec 10, 2020 |
|
VW3CANCARR1
|
70Kb / 2P |
CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021 |
|
VW3A8306TF03
|
102Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 0.3 m
Apr 20, 2022 |
|
VW3A8306TF10
|
103Kb / 2P |
Modbus ?쏷??tap-off - 1 x RJ45 male and 2 x RJ45 female - cable 1 m
Apr 20, 2022 |
|
TCSCCN4F3M1T
|
85Kb / 2P |
CANopen cable - 1 x RJ45 - cable 1 m
May 2, 2022 |