전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9065SP16 데이터시트 (PDF) - Schneider Electric

9065SP16 Datasheet PDF - Schneider Electric
부품명 9065SP16
다운로드  9065SP16 다운로드
파일 크기   55.94 Kbytes
페이지   1 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 SOLID STATE OVERLOAD RELAY 600VAC 27ANP.

9065SP16 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
9065SP16 Datasheet PDF - Schneider Electric

부품명 9065SP16
다운로드  9065SP16 Click to download

파일 크기   55.94 Kbytes
페이지   1 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 SOLID STATE OVERLOAD RELAY 600VAC 27ANP.

9065SP16 데이터시트 (HTML) - Schneider Electric




유사한 부품 번호 - 9065SP16

제조업체부품명데이터시트상세설명
logo
Schneider Electric
9065SP14 SCHNEIDER-9065SP14 Datasheet
114Kb / 2P
Motor Logic Plus Solid State Overload Relay Size 1 6-27A 480VAC
Dec 22, 2020
More results


유사한 설명 - 9065SP16

제조업체부품명데이터시트상세설명
logo
Schneider Electric
9065SP36 SCHNEIDER-9065SP36 Datasheet
114Kb / 2P
Motor Logic Plus Solid State Overload Relay Size 3 20-90A 600VAC
Dec 22, 2020
9065SP46 SCHNEIDER-9065SP46 Datasheet
57Kb / 1P
SOLID STATE OVERLOAD RELAY 600VAC 135A
31 December 2020
9065SPB6 SCHNEIDER-9065SPB6 Datasheet
114Kb / 2P
Motor Logic Plus Solid State Overload Relay Size 00 0.5-2.3A 600VAC
31 December 2020
9065SPC6 SCHNEIDER-9065SPC6 Datasheet
58Kb / 2P
Motor Logic Plus Solid State Overload Relay Size 00 2-9A 600VAC
31 December 2020
9065ST520 SCHNEIDER-9065ST520 Datasheet
160Kb / 2P
Motor Logic Solid State Overload Relay Replacement Size 5 90-270A 600VAC
Dec 22, 2020
9065ST620 SCHNEIDER-9065ST620 Datasheet
162Kb / 2P
Motor Logic Solid State Overload Relay Replacement Size 6 180-540A 600VAC
Dec 22, 2020
9065ST720 SCHNEIDER-9065ST720 Datasheet
162Kb / 2P
Motor Logic Solid State Overload Relay Replacement Size 7 270-810A 600VAC
Dec 22, 2020
9065ST022 SCHNEIDER-9065ST022_V01 Datasheet
162Kb / 2P
Overload Relay, Motor Logic, solid state overload relay, NEMA Size 00, 3 pole, 2A to 9A, 600VAC, replacement relay
May 23, 2022
9065ST520 SCHNEIDER-9065ST520_V01 Datasheet
170Kb / 2P
Overload Relay, Motor Logic, solid state overload relay, NEMA Size 5, 3 pole, 90A to 270A, 600VAC, replacement relay
May 25, 2022
9065ST620 SCHNEIDER-9065ST620_V01 Datasheet
171Kb / 2P
Overload Relay, Motor Logic, solid state overload relay, NEMA Size 6, 3 pole, 180A to 540A, 600VAC, replacement relay
May 25, 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com