전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2680220000 데이터시트 (PDF) - Weidmuller

2680220000 Datasheet PDF - Weidmuller
부품명 2680220000
다운로드  2680220000 다운로드
파일 크기   531.66 Kbytes
페이지   3 Pages
제조업체  WEIDMULLER [Weidmuller]
홈페이지  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
상세설명 Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA

2680220000 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
2680220000 Datasheet PDF - Weidmuller

부품명 2680220000
다운로드  2680220000 Click to download

파일 크기   531.66 Kbytes
페이지   3 Pages
제조업체  WEIDMULLER [Weidmuller]
홈페이지  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
상세설명 Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA

2680220000 데이터시트 (HTML) - Weidmuller




유사한 부품 번호 - 2680220000

제조업체부품명데이터시트상세설명
logo
Wiha Tools
26802 WIHA-26802 Datasheet
70Kb / 1P
End cutting nippers Professional ESD
logo
Weidmuller
2680200000 WEIDMULLER-2680200000 Datasheet
542Kb / 3P
Primary current: 125 A, Secondary current max.: 5 A, Load: 2.5 VA
November 4, 2021
2680210000 WEIDMULLER-2680210000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680230000 WEIDMULLER-2680230000 Datasheet
535Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680240000 WEIDMULLER-2680240000 Datasheet
529Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
More results


유사한 설명 - 2680220000

제조업체부품명데이터시트상세설명
logo
Weidmuller
2421030000 WEIDMULLER-2421030000 Datasheet
868Kb / 3P
Primary current: 150 A, Secondary current max.: 5 A, Load: 2.5 VA
2680150000 WEIDMULLER-2680150000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680160000 WEIDMULLER-2680160000 Datasheet
528Kb / 3P
Primary current: 1250 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680170000 WEIDMULLER-2680170000 Datasheet
536Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680180000 WEIDMULLER-2680180000 Datasheet
530Kb / 3P
Primary current: 2000 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680190000 WEIDMULLER-2680190000 Datasheet
454Kb / 3P
Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
2680200000 WEIDMULLER-2680200000 Datasheet
542Kb / 3P
Primary current: 125 A, Secondary current max.: 5 A, Load: 2.5 VA
November 4, 2021
2680210000 WEIDMULLER-2680210000 Datasheet
544Kb / 3P
Primary current: 1000 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680230000 WEIDMULLER-2680230000 Datasheet
535Kb / 3P
Primary current: 1500 A, Secondary current max.: 5 A, Load: 5 VA
November 4, 2021
2680250000 WEIDMULLER-2680250000 Datasheet
452Kb / 3P
Primary current: 2500 A, Secondary current max.: 5 A, Load: 10 VA
November 4, 2021
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com