| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Schneider Electric |
XBTZ9980
|
81Kb / 2P |
Modbus serial link for XBT terminal - L = 2.5 m - 2 males RJ45
Aug 10, 2019 |
|
VW3A8306R10
|
87Kb / 2P |
cable for Modbus serial link - 2 x RJ45 - cable 1 m
Apr 19, 2022 |
|
VW3A8306
|
115Kb / 2P |
cable for Modbus serial link - 1 RJ45 - 1 SUB-D 15 - 3 m
Apr 27, 2022 |
|
XBTZ980
|
116Kb / 2P |
direct connection cable - L = 2.5 m - 1 male mini DIN 1 male SUB-D25
Apr 27, 2022 |
|
XBTZ908
|
109Kb / 2P |
Uni-Telway/Modbus serial link - L = 1.8 m - 1 female SUB-D 15 1 SUB-D 25
May 2, 2022 |
|
XBTZ9710
|
136Kb / 2P |
Modbus serial link - L = 2.5 m - 1 female SUB-D 9 1 male SUB-D 25
May 2, 2022 |
|
XBTZ9721
|
96Kb / 2P |
direct connection cable - L = 2.5 m - 1 male SUB-D 9 1 male SUB-D25 - PPI
May 2, 2022 |
|
XBTZ9731
|
106Kb / 2P |
direct connection cable - L = 2.5 m - 1 male mini DIN 1 male SUB-D25
May 2, 2022 |
|
XBTZ9780
|
107Kb / 2P |
Uni-Telway/Modbus serial link - L = 2.5 m - 1 male mini DIN 1 RJ45
May 2, 2022 |
|
XBTZ9782
|
106Kb / 2P |
Uni-Telway/Modbus serial link - L = 10 m - 1 male mini DIN 1 RJ45
May 2, 2022 |