전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVALSTWBC-EP 데이터시트 (PDF) - STMicroelectronics

EVALSTWBC-EP Datasheet PDF - STMicroelectronics
부품명 EVALSTWBC-EP
다운로드  EVALSTWBC-EP 다운로드
파일 크기   2255.45 Kbytes
페이지   4 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP

EVALSTWBC-EP Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
EVALSTWBC-EP Datasheet PDF - STMicroelectronics

부품명 EVALSTWBC-EP
다운로드  EVALSTWBC-EP Click to download

파일 크기   2255.45 Kbytes
페이지   4 Pages
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
상세설명 Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP

EVALSTWBC-EP 데이터시트 (HTML) - STMicroelectronics


EVALSTWBC-EP 제품 세부 정보

Description
The EVALSTWBC-EP is a wireless battery charger TX evaluation kit including EVALSTWBC-EP demo-board and EVALWBCDNGV1 USB-UART dongle, designed for charging devices such as smartphones or tablets where high power levels are required. The evaluation board supports wireless battery charging of Qi-compliant devices up to 15W. It also supports proprietary fast charging modes up to 10W. The EVALSTWBC-EP transmitter is based on the STWBC-EP and features a costeffective half bridge topology offering external interface via UART. The EVALSTWBCEP solution provides a complete kit, which includes demo board, its firmware, a graphical interface for debug, the schematics, layout files and bill of materials. Tools for EVALSTWBC-EP are available on www.st.com and allow users to access runtime information such as power delivered, regulation error and protocol status. Parameters can also be adjusted with these tools Product status link EVALSTWBC-EP Product summary Qi MP-A15 15W wireless charger Tx evaluation kit EVALSTWBC-EP USB-UART dongle EVALWBCDNGV1 Firmware for EVALSTBC-EP STSW-STWBC-EP Digital controller for wireless battery charger transmitters (WBC) in 15W medium power

Features
■ STWBC-EP digital controller
■ MP-A15 fixed frequency topology
■ 15W output power
■ Flexible input voltage: 5V to 20V from USB connector
■ 5W mode when connected to 5V USB input
■ WPC Qi1.2.4 standard compliant
■ Robust demodulation algorithm, with triple path (V, I, f)
■ Foreign Object Detection (FOD)
■ Active presence detection
■ UART protocol to control and monitor the system
■ Complete reference design (evaluation board, schematics, PCB layout, firmware and tools)
■ 2 layers PCB
■ Low standby power consumption
■ Flash memory based
■ CE certified
■ ROHS compliant




유사한 부품 번호 - EVALSTWBC-EP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
EVALSTGAP2SM STMICROELECTRONICS-EVALSTGAP2SM Datasheet
761Kb / 12P
Demonstration board for STGAP2SM isolated 4 A single gate driver
26-Oct-2018
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
More results


유사한 설명 - EVALSTWBC-EP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
1 W wearable wireless power transmitter based on STWBC-WA
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
NXP Semiconductors
IMX7ULPEVKFS NXP-IMX7ULPEVKFS Datasheet
282Kb / 2P
Evaluation Kit Based on i.MX 7ULP Applications Processors
2018
MCIMX6ULL-EVK NXP-MCIMX6ULL-EVK Datasheet
4Mb / 2P
Evaluation Kit Based on i.MX 6ULL Applications Processors
REV 2
logo
STMicroelectronics
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
logo
Burland Technology Solu...
MB-FS80B BURLAND-MB-FS80B Datasheet
511Kb / 1P
QI WIRELESS CHARGER FAST CHARGE
More results




STMicroelectronics 에 대하여


Stmicroelectronics는 스위스 제네바에 본사를 둔 다국적 전자 및 반도체 제조업체입니다.

이 회사는 자동차, 산업 및 소비자 시장의 다양한 응용 프로그램을위한 마이크로 컨트롤러, 센서, 전력 증폭기 및 통합 회로를 포함한 다양한 제품을 제공합니다.

1987 년에 설립 된 Stmicroelectronics는 100 개 이상의 국가에서 운영되고 있으며 세계에서 가장 큰 반도체 회사 중 하나입니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.