전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI9169 데이터시트 (PDF) - Vishay Siliconix

SI9169 Datasheet PDF - Vishay Siliconix
부품명 SI9169_V01
다운로드  SI9169 다운로드
파일 크기   173.71 Kbytes
페이지   10 Pages
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
상세설명 High Frequency 1-A Synchronous Buck/Boost Converter

SI9169 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SI9169 Datasheet PDF - Vishay Siliconix

부품명 SI9169_V01
다운로드  SI9169 Click to download

파일 크기   173.71 Kbytes
페이지   10 Pages
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
상세설명 High Frequency 1-A Synchronous Buck/Boost Converter

SI9169 데이터시트 (HTML) - Vishay Siliconix


SI9169 제품 세부 정보

FEATURES
• Voltage Mode Control
• Fully Integrated MOSFET Switches
• 2.7 V to 6 V Input Voltage Range
• Programmable PWM/PSM Control
- Up to 1 A Output Current at 3.6 V in PWM
- Up to 2 MHz Adjustable Switching Frequency in PWM
- Less than 200 μA Quiescent Current in PSM
• Integrated UVLO and POR
• Integrated Soft-Start
• Synchronization
• Shutdown Current < 1 μA
DESCRIPTION
The Si9169 provides fully integrated synchronous buck or
boost converter solution for the latest one cell Lithium Ion
cellular phones. Capable of delivering up to 1 A of output
current at + 3.6 V, the Si9169 provides ample power for
various baseband circuits as well as for some PAs. It
combines the 2 MHz switching controller with fully
integrated high-frequency MOSFETs to deliver the smallest
and most efficient converter available today. The 2 MHz
switching frequency reduces the inductor height to new
level of 2 mm and minimizes the output capacitance
requirement to less than 10 μF with peak-to-peak output
ripple as low as 10 mV. Combined with low-gate charge
high-frequency MOSFETs, the Si9169 delivers efficiency up
to 95 %. The programmable pulse skipping mode maintains
this high efficiency even during the standby and idle modes
to increase overall battery life and talktime. In order to
extract the last ounce of power from the battery, the Si9169
is designed with 100 % duty cycle control for buck mode.
With 100 % duty cycle, the Si9169 operates like a saturated
linear regulator to deliver the highest potential output
voltage for longer talktime.
Si9169 can be a drop-in replacement of Si9165 provided Pin
1 is not connected. For full 1 A load condition, Pin 1 is
required to be connected to low power controller ground.
The Si9169 is available in lead (Pb)-free TSSOP-20 pin
package. In order to satisfy the stringent ambient
temperature requirements, the Si9169 is rated to handle the
industrial temperature range of - 25 °C to 85 °C and - 40 °C
to 85 °C.




유사한 부품 번호 - SI9169_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9169BQ-T1 VISHAY-SI9169BQ-T1 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
SI9169BQ-T1-E3 VISHAY-SI9169BQ-T1-E3 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
SI9169BQ-T1-E3 VISHAY-SI9169BQ-T1-E3 Datasheet
456Kb / 10P
High Frequency 1-A Synchronous Buck/Boost Converter
08-Oct-07
SI9169DQ-T1 VISHAY-SI9169DQ-T1 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
SI9169DQ-T1-E3 VISHAY-SI9169DQ-T1-E3 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
More results


유사한 설명 - SI9169_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9169 VISHAY-SI9169 Datasheet
76Kb / 8P
High Frequency 1-A Synchronous Buck/Boost Converter
19-Apr-04
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
High Frequency 600-mA Synchronous Buck/Boost Converter
19-Apr-04
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
Vishay Siliconix
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
High Frequency 600-mA Synchronous Buck/Boost Converter
08-Oct-07
SI9169 VISHAY-SI9169_07 Datasheet
456Kb / 10P
High Frequency 1-A Synchronous Buck/Boost Converter
08-Oct-07
logo
Texas Instruments
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3646 TI1-LM3646_16 Datasheet
1Mb / 40P
1.5-A Synchronous Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results




Vishay Siliconix 에 대하여


Vishay Siliconix는 수동 전자 구성 요소의 글로벌 제조업체 인 Vishay Intertechnology의 자회사입니다.
Vishay Siliconix는 파워 MOSFET, IGBT 및 기타 전력 반도체의 설계, 제조 및 마케팅을 전문으로합니다.
이 회사는 1962 년에 설립되었으며 캘리포니아 산타 클라라에 본사를두고 있습니다.
Vishay Siliconix는 재생 에너지 시스템, 산업 장비, 컴퓨팅 및 통신, 자동차 전자 제품을 포함한 다양한 응용 분야를위한 전력 솔루션을 제공합니다.
이 회사의 제품은 고효율, 저전력 소비 및 높은 신뢰성을 위해 설계되었으며 고급 제조 공정을 사용하여 최첨단 시설에서 제조됩니다.
Vishay Siliconix는 혁신 및 고객 만족도에 중점을 둔 고객에게 최고의 전력 관리 솔루션을 제공하기 위해 고객에게 자신의 요구를 충족시키기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com