전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV-RPG2-ECZ 데이터시트 (PDF) - Analog Devices

EV-RPG2-ECZ Datasheet PDF - Analog Devices
부품명 EV-RPG2-ECZ
다운로드  EV-RPG2-ECZ 다운로드
파일 크기   1288.47 Kbytes
페이지   21 Pages
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices
상세설명 RapID Platform Generation 2 (RPG2) Network Interface

EV-RPG2-ECZ Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
EV-RPG2-ECZ Datasheet PDF - Analog Devices

부품명 EV-RPG2-ECZ
다운로드  EV-RPG2-ECZ Click to download

파일 크기   1288.47 Kbytes
페이지   21 Pages
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices
상세설명 RapID Platform Generation 2 (RPG2) Network Interface

EV-RPG2-ECZ 데이터시트 (HTML) - Analog Devices


EV-RPG2-ECZ 제품 세부 정보

GENERAL DESCRIPTION
The ADIN2299 is a complete, pretested solution that manages the
industrial protocol and network traffic for an applications processor.
The module contains everything needed to participate in a Ether-
CAT, PROFINET® real-time (RT) and isochronous real time (IRT),
EtherNet/IP network, including a communications controller, protocol
stack, flash, RAM, follower controller, and physical layer (PHY).
An applications processor connects via a universal asynchronous
receiver transmitter (UART), serial peripheral interface (SPI), or
Ethernet interface.
At the software layer, the applications processor connects to a
unified interface so the supported industrial protocols can be
used without changing the applications processor software. The
ADIN2299 platform was precertified so that the field device can
operate in any of the supported industrial Ethernet networks.

FEATURES
► Configurable industrial protocol support
► PROFINET RT (Class B)
► PROFINET IRT (Class C): coming soon
► EtherNet/IP with DLR
► EtherCAT
► All protocols precertified
► Configurable applications processor interface
► UART: 115,200 bps to 1,000,000 bps
► Ethernet at 10 Mbps or 100 Mbps
► SPI follower: 10 MHz maximum clock
► I2C, QSPI, and CAN: future option
► Industrial Ethernet interface-compliant to IEEE 802.3, 10Base or 100Base transmit half and full duplex
► Single 3.3 V power supply, 840 mW
► Cycle time down to 1 ms (cycle times vary based on protocol, link type, and application data)
► 194-ball chip-scale package BGA form factor
► RoHS 3 compliant
► –40°C to +85°C industrial temperature range

APPLICATIONS
► Factory and process automation
► Motion control
► Building automation
► Transportation




유사한 부품 번호 - EV-RPG2-ECZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
EV-RPG2-ECZ AD-EV-RPG2-ECZ Datasheet
1Mb / 21P
Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
Rev. D
More results


유사한 설명 - EV-RPG2-ECZ

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
DSA-3010 ADVANTECH-DSA-3010 Datasheet
564Kb / 2P
Economic Network Signage Platform
NCP-3110 ADVANTECH-NCP-3110 Datasheet
426Kb / 2P
1U Packetarium??Network Processor Platform
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
FW-7582 ETC2-FW-7582 Datasheet
238Kb / 2P
Cost Effective Network Security Platform with Intel짰 3rd Generation (Ivy Bridge) Processor
MR-320 ETC2-MR-320 Datasheet
131Kb / 2P
Mini Network Platform with Cavium OCTEON Network Processor
logo
Maxim Integrated Produc...
MAX32620FTHR MAXIM-MAX32620FTHR Datasheet
2Mb / 11P
Rapid Development Platform
Rev 0; 11/17
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
4th Generation Intel Core Gaming platform
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
logo
AAEON Technology
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
More results




Analog Devices 에 대하여


Alog Devices, Inc. (ADI)는 고성능 아날로그, 혼합 신호 및 디지털 신호 처리 (DSP) 통합 회로 (IC)를 설계, 개발 및 제조하는 공개 거래 회사입니다.
이 회사는 1965 년에 설립되었으며 매사추세츠 주 Norwood에 본사를두고 있습니다.
ADI는 항공 우주 및 방어, 자동차, 커뮤니케이션, 소비자, 산업, 의료 및 테스트 및 측정을 포함한 광범위한 산업에 서비스를 제공합니다.
이 회사의 제품 포트폴리오에는 데이터 변환기, 앰프 및 비교기, 전원 관리 IC, 마이크로 컨트롤러, 센서 및 무선 주파수 (RF) 및 전자 레인지 구성 요소가 포함됩니다.
ADI는 혁신 및 고객 만족에 전념하고 있으며 고객에게 고품질의 신뢰할 수있는 솔루션을 자신의 요구를 충족시키기 위해 제공하기 위해 노력하고 있습니다.
에너지 효율과 지속 가능성에 중점을 둔 ADI는 아날로그 및 혼합 신호 IC 산업의 리더이며 기술 발전을 주도하며 세계에서 가장 어려운 문제에 대한 혁신적인 솔루션을 제공합니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.