전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DG2612 데이터시트 (PDF) - Vishay Siliconix

DG2612 Datasheet PDF - Vishay Siliconix
부품명 DG2612_V01
다운로드  DG2612 다운로드
파일 크기   203.41 Kbytes
페이지   8 Pages
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
상세설명 Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability

DG2612 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
DG2612 Datasheet PDF - Vishay Siliconix

부품명 DG2612_V01
다운로드  DG2612 Click to download

파일 크기   203.41 Kbytes
페이지   8 Pages
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
상세설명 Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability

DG2612 데이터시트 (HTML) - Vishay Siliconix


DG2612 제품 세부 정보

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - RON: 1.0 Ω at 2.7 V
• High bandwidth

BENEFITS
• Negative signal swing capability
• Shunt switch to eliminate switching noise
• Simplified design with direct DC coupling
• Space saving SC-89 package

APPLICATIONS
• Cellular phones
• Portable multimedia players
• PDAs and hand-held devices
• Laptop computers

DESCRIPTION
The DG2612, DG2613 is a low on-resistance, single-pole/
double-throw monolithic CMOS analog switch with negative
signal swing capability. It is designed for low voltage
applications. The DG2612, DG2613 is ideal for portable and
battery powered equipment, requiring high performance and
efficient use of board space. In additional to the low
on-resistance (1.0 Ω at 2.7 V), the DG2613 has a typical off
isolation and crosstalk of - 67 dB and - 73 dB respectively.
The DG2612, DG2613 is built on Vishay Siliconix’s low
voltage process.
Break-before-make is guaranteed.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
the lead (Pb)-free device terminations. For analog switching
products manufactured with 100 % matte tin device
terminations, the lead (Pb)-free “-E3” suffix is being used as
a designator.




유사한 부품 번호 - DG2612_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
DG2612DX-T1-E3 VISHAY-DG2612DX-T1-E3 Datasheet
162Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
28-Aug-06
DG2612DX-T1-E3 VISHAY-DG2612DX-T1-E3 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
More results


유사한 설명 - DG2612_V01

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
28-Aug-06
logo
Fairchild Semiconductor
FSA2367 FAIRCHILD-FSA2367 Datasheet
102Kb / 2P
Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
29-Dec-08
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
More results




Vishay Siliconix 에 대하여


Vishay Siliconix는 수동 전자 구성 요소의 글로벌 제조업체 인 Vishay Intertechnology의 자회사입니다.
Vishay Siliconix는 파워 MOSFET, IGBT 및 기타 전력 반도체의 설계, 제조 및 마케팅을 전문으로합니다.
이 회사는 1962 년에 설립되었으며 캘리포니아 산타 클라라에 본사를두고 있습니다.
Vishay Siliconix는 재생 에너지 시스템, 산업 장비, 컴퓨팅 및 통신, 자동차 전자 제품을 포함한 다양한 응용 분야를위한 전력 솔루션을 제공합니다.
이 회사의 제품은 고효율, 저전력 소비 및 높은 신뢰성을 위해 설계되었으며 고급 제조 공정을 사용하여 최첨단 시설에서 제조됩니다.
Vishay Siliconix는 혁신 및 고객 만족도에 중점을 둔 고객에게 최고의 전력 관리 솔루션을 제공하기 위해 고객에게 자신의 요구를 충족시키기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com