전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7447773010 데이터시트 (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7447773010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
부품명 7447773010
다운로드  7447773010 다운로드
파일 크기   540.81 Kbytes
페이지   6 Pages
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
상세설명 WE-PD Performance SMT Shielded Power Inductor

7447773010 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
7447773010 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7447773010
다운로드  7447773010 Click to download

파일 크기   540.81 Kbytes
페이지   6 Pages
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
상세설명 WE-PD Performance SMT Shielded Power Inductor

7447773010 데이터시트 (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7447773010 제품 세부 정보

General Information:
It is recommended that the temperature of the component does not exceed +150°C under worst
case conditions
Ambient Temperature (refering to
IR) -40 up to +110 °C
Operating Temperature -40 up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




유사한 부품 번호 - 7447773010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74477730 WURTH-74477730 Datasheet
157Kb / 3P
POWER-CHOKE WE-PD
7447773022 WURTH-7447773022 Datasheet
545Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447773033 WURTH-7447773033 Datasheet
545Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447773047 WURTH-7447773047 Datasheet
544Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447773062 WURTH-7447773062 Datasheet
521Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
More results


유사한 설명 - 7447773010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447773150 WURTH-7447773150 Datasheet
522Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447773680 WURTH-7447773680 Datasheet
522Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447783470 WURTH-7447783470 Datasheet
526Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447706100 WURTH-7447706100 Datasheet
527Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.000
7447706101 WURTH-7447706101 Datasheet
526Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.000
7447773101 WURTH-7447773101 Datasheet
522Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447707015 WURTH-7447707015 Datasheet
754Kb / 7P
WE-PD Performance SMT Shielded Power Inductor
001.000
7447707331 WURTH-7447707331 Datasheet
754Kb / 7P
WE-PD Performance SMT Shielded Power Inductor
001.000
7447773062 WURTH-7447773062 Datasheet
521Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
7447773471 WURTH-7447773471 Datasheet
521Kb / 6P
WE-PD Performance SMT Shielded Power Inductor
001.001
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com