전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P6LU-053R3Z 데이터시트 (PDF) - PEAK electronics GmbH

P6LU-053R3Z Datasheet PDF - PEAK electronics GmbH
부품명 P6LU-053R3Z
다운로드  P6LU-053R3Z 다운로드
파일 크기   235.02 Kbytes
페이지   2 Pages
제조업체  PEAK [PEAK electronics GmbH]
홈페이지  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH
상세설명 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7

P6LU-053R3Z Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
P6LU-053R3Z Datasheet PDF - PEAK electronics GmbH

부품명 P6LU-053R3Z
다운로드  P6LU-053R3Z Click to download

파일 크기   235.02 Kbytes
페이지   2 Pages
제조업체  PEAK [PEAK electronics GmbH]
홈페이지  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH
상세설명 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7

P6LU-053R3Z 데이터시트 (HTML) - PEAK electronics GmbH


P6LU-053R3Z 제품 세부 정보

Available Inputs:
5, 12 and 24 VDC
Available Outputs:
(+/-) 3.3, 5, 7.2, 12, 15 and 18 VDC




유사한 부품 번호 - P6LU-053R3Z

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
P6LU-053R3ZH52 PEAK-P6LU-053R3ZH52 Datasheet
235Kb / 2P
5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3ZH60ENLF PEAK-P6LU-053R3ZH60ENLF Datasheet
152Kb / 4P
Single and Dual Output
More results


유사한 설명 - P6LU-053R3Z

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
P6EU PEAK-P6EU Datasheet
235Kb / 2P
3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6
P6CU-0505Z PEAK-P6CU-0505Z Datasheet
244Kb / 2P
1KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6LU PEAK-P6LU Datasheet
248Kb / 2P
4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505E PEAK-P10LU-0505E Datasheet
225Kb / 2P
3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6CUI-050505Z PEAK-P6CUI-050505Z Datasheet
226Kb / 2P
1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT SIP7
P6LU-0505EH52 PEAK-P6LU-0505EH52 Datasheet
231Kb / 2P
5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7
P6LU-053R3ZH52 PEAK-P6LU-053R3ZH52 Datasheet
235Kb / 2P
5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6MU-0505E PEAK-P6MU-0505E Datasheet
255Kb / 2P
3KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com