전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZ9143-04F 데이터시트 (PDF) - AMAZING Microelectronic Corp.

AZ9143-04F Datasheet PDF - AMAZING Microelectronic Corp.
부품명 AZ9143-04F
다운로드  AZ9143-04F 다운로드
파일 크기   140.02 Kbytes
페이지   7 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ9143-04F Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AZ9143-04F Datasheet PDF - AMAZING Microelectronic Corp.

부품명 AZ9143-04F
다운로드  AZ9143-04F Click to download

파일 크기   140.02 Kbytes
페이지   7 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ9143-04F 데이터시트 (HTML) - AMAZING Microelectronic Corp.


AZ9143-04F 제품 세부 정보

Features
 ESD Protect for Transition Minimized Differential
Signaling (TMDS) channels
 Protects four I/O lines
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±15kV (air/contact)
IEC 61000-4-5 (Lightning) 5A (8/20ms)
 For operating voltage of 3.3V and below
 Ultra low capacitance : 0.45pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS (Transient Voltage
Suppression) diode
 Simplified layout for HDMI connectors
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
 AEC-Q101 qualified
Applications
 HDMI Interface 1.3 & 1.4 and 2.0 version
 DisplayPort interface
 SATA and eSATA interface
 USB3.0
 V-By-One
 LVDS interfaces
 IEEE 1394 up to 3.2 Gb/s
 Ethernet port: 10/100/1000 Mb/s
 Desktop and Notebooks PCs
 Consumer Electronics
 Set Top Box
 Graphics Cards
Description
AZ9143-04F is a design which includes ESD
rated diode arrays to protect high speed data
interfaces. The AZ9143-04F has been
specifically designed to protect sensitive
components which are connected to data and
transmission lines from over-voltage caused by
Electrostatic Discharging (ESD), Lightning, and
Cable Discharge Event (CDE).
AZ9143-04F is a unique design which includes
ESD rated, ultra low capacitance steering diodes
and a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the internal ESD line or to
ground line. The internal unique design of
clamping cell prevents over-voltage on the
internal ESD line and on the I/O line, which is
protecting any downstream components.
AZ9143-04F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




유사한 부품 번호 - AZ9143-04F

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZ9143-08F AMAZING-AZ9143-08F Datasheet
189Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/19
logo
TECH PUBLIC Electronics...
AZ9143-08F TECHPUBLIC-AZ9143-08F Datasheet
1Mb / 4P
8-Line Ultra Low Capacitance TVS Diode Array
logo
AMAZING Microelectronic...
AZ9143-08F.R7G AMAZING-AZ9143-08F.R7G Datasheet
189Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/19
More results


유사한 설명 - AZ9143-04F

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZ1023-02F AMAZING-AZ1023-02F Datasheet
319Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2017/05/15
AZ1043-04F AMAZING-AZ1043-04F Datasheet
401Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2014/11/20
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1065-06Q AMAZING-AZ1065-06Q Datasheet
313Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/06/18
AZ111S-08F AMAZING-AZ111S-08F Datasheet
213Kb / 7P
Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/01/14
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com