전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZRS3080E 데이터시트 (PDF) - AMAZING Microelectronic Corp.

AZRS3080E Datasheet PDF - AMAZING Microelectronic Corp.
부품명 AZRS3080E
다운로드  AZRS3080E 다운로드
파일 크기   453.26 Kbytes
페이지   9 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC

AZRS3080E Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AZRS3080E Datasheet PDF - AMAZING Microelectronic Corp.

부품명 AZRS3080E
다운로드  AZRS3080E Click to download

파일 크기   453.26 Kbytes
페이지   9 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC

AZRS3080E 데이터시트 (HTML) - AMAZING Microelectronic Corp.


AZRS3080E 제품 세부 정보

Features
 Integrated Transient Voltage Suppressor
(TVS) in the Transceiver IC
 TVS Protection for Bus Terminals :
±15 kV IEC 61000-4-2, Contact Discharge
±18 kV IEC 61000-4-2, Air-Gap Discharge
±15 kV EIA/JEDEC Human Body Model
 HBM ±8kV ESD Protection for all pins
 MM ±800V ESD Protection for all pins
 Latchup immunity up to ±400mA for all pins.
 High CDM protection up to ±1kV for all pins.
 Meet the Requirements of the EIA/TIA-485
Standards with 5V Power Supply
 True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
 Data Rate up to 10Mbps
 Hot-Swap Glitch free Protection on Control
Inputs
 High driving ability of VOD2 up to 2.3V
 Up to 256 Transceivers on the Bus
Applications
 Motor Control
 Industrial Control
 Security System
 Building Automation Networks
Description
The AZRS3080E is a ±15kV IEC 61000-4-2
contact discharge protected half-duplex RS485
transceiver IC, which contains one transmitter
and one receiver inside. This device is fully
compliant with the EIA/TIA-485 standard with 5V
power supply.
The AZRS3080E features a fail-safe receiver,
which guarantees the output of the receiver to be
logic high when the differential inputs (bus pins, A
and B) of the receiver are open, short or idle
under abnormal operating conditions.
The AZRS3080E features a hot-swap glitch-free
design which guarantees outputs of the
transmitter and the receiver in a high impedance
state and even no short current event during the
power up period. The AZRS3080E has the
thermal shutdown and the current limited function
in the transmitter to protect the device from
damage by system fault conditions during normal
operating condition. The AZRS3080E is
designed 1/8 unit load with minimum 96kohm of
input impedance, which can connect 256 devices
on a bus at least. The AZRS3080E is also a high
reliable device with built-in system level ESD
protected devices against high-energy noise
transients without requiring any external
components.




유사한 부품 번호 - AZRS3080E

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZRS3082 AMAZING-AZRS3082 Datasheet
900Kb / 11P
Fail-Safe, Slew-Rate-Limited RS-485 Transceiver with 짹30kV ESD Transient Voltage Suppressor
Revision 2016/05/06
AZRS3082.RDG AMAZING-AZRS3082.RDG Datasheet
900Kb / 11P
Fail-Safe, Slew-Rate-Limited RS-485 Transceiver with 짹30kV ESD Transient Voltage Suppressor
Revision 2016/05/06
More results


유사한 설명 - AZRS3080E

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
logo
AMAZING Microelectronic...
AZRS3072 AMAZING-AZRS3072 Datasheet
340Kb / 9P
ESD-Protected, Slew-Rate-Limited, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
AZRS3076 AMAZING-AZRS3076 Datasheet
625Kb / 9P
ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2020/12/31
AZRS3078 AMAZING-AZRS3078 Datasheet
409Kb / 9P
ESD-Protected, High Speed, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
AZRS485E AMAZING-AZRS485E Datasheet
465Kb / 9P
ESD-Protected, High Speed, True Fail-Safe VOD2 Enhanced, RS485 Transceiver IC
Revision 2017/02/15
AZRS485N AMAZING-AZRS485N Datasheet
444Kb / 10P
Polarity Free, 5.0V Operation, High Speed, High ESD-Protected RS485 Transceiver IC
Revision 2013/12/02
AZRS5485N AMAZING-AZRS5485N Datasheet
491Kb / 10P
Polarity Free, ESD-Protected, High Speed, VOD2 Enhanced, RS485 Transceiver IC
Revision 2017/02/15
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com