전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZRS6534 데이터시트 (PDF) - AMAZING Microelectronic Corp.

AZRS6534 Datasheet PDF - AMAZING Microelectronic Corp.
부품명 AZRS6534
다운로드  AZRS6534 다운로드
파일 크기   727.56 Kbytes
페이지   9 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Fail-Safe, High Speed RS-485 Transceiver with 짹30kV Transient Voltage Suppressor

AZRS6534 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AZRS6534 Datasheet PDF - AMAZING Microelectronic Corp.

부품명 AZRS6534
다운로드  AZRS6534 Click to download

파일 크기   727.56 Kbytes
페이지   9 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Fail-Safe, High Speed RS-485 Transceiver with 짹30kV Transient Voltage Suppressor

AZRS6534 데이터시트 (HTML) - AMAZING Microelectronic Corp.


AZRS6534 제품 세부 정보

Features
 Meet the Requirements of the EIA/TIA-485
Standards with 5V Power Supply
 Integrated Transient Voltage Suppressor (TVS)
 TVS Protection for Bus Terminals :
±30 kV IEC 61000-4-2, Contact/Air Discharge
±4.4 kV IEC 61000-4-4, EFT (5/50ns)
±30 A IEC 61000-4-5, Surge (8/20μs)
 HBM ±15kV ESD Protection for all pins
 MM ±800V ESD Protection for all pins
 Latchup immunity up to ±400mA.
 High CDM protection up to ±2kV.
 True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
 Hot-Swap Glitch free Protection on Control
Inputs
 Up to 256 Transceivers on the Bus
Applications
 Motor Control
 Industrial Control
 Telecommunications Equipment
 Security System
 Building Automation Networks
Description
The AZRS6534 is a ±30 kV IEC 61000-4-2
Contact/Air Discharge protected, half-duplex
transceiver designed for RS-485 data bus
network, which contains one transmitter and one
receiver. This device is fully compliant with the
EIA/TIA-485 standard with 5V power supply.
The AZRS6534 features a fail-safe receiver,
which guarantees the receiver to output high
when the receiver inputs are open, short or idle.
The AZRS6534 features a hot-swap glitch free
protection circuits which guarantee outputs of
both the transmitter and the receiver in a high
impedance state during the power up period. So
that the large short current from power to ground
will be disable by glitch free function, which will
save the power and enhance the efficiency of the
power up.
The AZRS6534 has the thermal shutdown
function when the temperature is over 150℃ and
the protection of the current limitation in the
transmitter to protect the itself from the damage
by the system-fault conditions during normal
operation.
The AZRS6534 is also a high reliable device with
built-in system level ESD protector device (TVS)
against high-energy noise transients without any
external components.




유사한 부품 번호 - AZRS6534

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZRS6605 AMAZING-AZRS6605 Datasheet
574Kb / 8P
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
AZRS6605.RDG AMAZING-AZRS6605.RDG Datasheet
574Kb / 8P
ESD-Protected, High Speed True Fail-Safe RS485 Transceiver IC
Revision 2021/02/25
More results


유사한 설명 - AZRS6534

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
logo
AMAZING Microelectronic...
AZRS3082 AMAZING-AZRS3082 Datasheet
900Kb / 11P
Fail-Safe, Slew-Rate-Limited RS-485 Transceiver with 짹30kV ESD Transient Voltage Suppressor
Revision 2016/05/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com