전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB855 데이터시트 (PDF) - OPTEK Technologies

OPB855 Datasheet PDF - OPTEK Technologies
부품명 OPB855
다운로드  OPB855 다운로드
파일 크기   195.92 Kbytes
페이지   3 Pages
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
상세설명 Slotted Optical Switch

OPB855 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
OPB855 Datasheet PDF - OPTEK Technologies

부품명 OPB855
다운로드  OPB855 Click to download

파일 크기   195.92 Kbytes
페이지   3 Pages
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
상세설명 Slotted Optical Switch

OPB855 데이터시트 (HTML) - OPTEK Technologies


OPB855 제품 세부 정보

Description:
The OPB855 slotted optical switch consists of an infrared emitting diode and a NPN silicon phototransistor, mounted on opposite sides of a 0.205” (5.21 mm) wide slot in an inexpensive plastic housing. Switching of the phototransistor occurs whenever an opaque object passes through the slot.

Features:
• Low profile 0.27” (6.858 mm) overall height
• Printed PCBoard mounting
• 0.205” (5.21 mm) wide and 0.150 (3.81 mm) deep slot
• 0.380” (9.65 mm) lead spacing
• Opaque plastic housing

Applications:
• Non-contact interruptive object sensing
• Assembly line automation
• Machine automation
• Equipment security
• Machine safety




유사한 부품 번호 - OPB855

제조업체부품명데이터시트상세설명
logo
TT Electronics.
OPB855 TTELEC-OPB855 Datasheet
650Kb / 3P
Slotted Optical Switch
More results


유사한 설명 - OPB855

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
OPB819Z TTELEC-OPB819Z Datasheet
546Kb / 3P
Slotted Optical Switch
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
Slotted Optical Switch
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com