전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QLUV10X10CW-269 데이터시트 (PDF) - Quelighting Corp

QLUV10X10CW-269 Datasheet PDF - Quelighting Corp
부품명 QLUV10X10CW-269
다운로드  QLUV10X10CW-269 다운로드
파일 크기   1682.16 Kbytes
페이지   15 Pages
제조업체  QUELIGHTING [Quelighting Corp]
홈페이지  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
상세설명 The high output ceramic type of 7070 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.

QLUV10X10CW-269 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
QLUV10X10CW-269 Datasheet PDF - Quelighting Corp

부품명 QLUV10X10CW-269
다운로드  QLUV10X10CW-269 Click to download

파일 크기   1682.16 Kbytes
페이지   15 Pages
제조업체  QUELIGHTING [Quelighting Corp]
홈페이지  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
상세설명 The high output ceramic type of 7070 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.

QLUV10X10CW-269 데이터시트 (HTML) - Quelighting Corp


QLUV10X10CW-269 제품 세부 정보

Features:
 High Power UV LED
 Quartz glass lens
 Max. current = 2000mA
 Package Dimension = 7.0mm X 7.0mm X 4.5mm
 Ceramic subtract
 Low thermal resistance
 View angle = 60 degree
 RoHS compliant
 ESD 4KV
 Custom Bin available upon special request
Application:
 UV gluing, UV curing, UV marking
 Printing and Coating
 Adhesive
 Medical applications
 Industrial facility applications




유사한 부품 번호 - QLUV10X10CW-269

제조업체부품명데이터시트상세설명
logo
Quelighting Corp
QLUV10X10HW-270 QUELIGHTING-QLUV10X10HW-270 Datasheet
1Mb / 15P
The high output ceramic type of 7070 UV LEDs with 45 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
More results


유사한 설명 - QLUV10X10CW-269

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
CUN6AF1B ROITHNER-CUN6AF1B Datasheet
3Mb / 19P
High power UV LED series are designed
CUN8AF1A ROITHNER-CUN8AF1A Datasheet
4Mb / 19P
High power UV LED series are designed
CUN9AF1B ROITHNER-CUN9AF1B Datasheet
3Mb / 19P
High power UV LED series are designed
logo
Quelighting Corp
QLUV03NJEF-257 QUELIGHTING-QLUV03NJEF-257 Datasheet
623Kb / 12P
The high output ceramic type 3030 LEDs, UVC and UVA dual wavelength in LED are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.
1.0 04-20-2020
QLUV04X3U-XXX QUELIGHTING-QLUV04X3U-XXX Datasheet
1Mb / 14P
This is the high power LED with reflector type. EMC 3030 UV LED series are designed for high current operation and high power output applications.
1.1 07-10-2021
QLUV07N2DM-261 QUELIGHTING-QLUV07N2DM-261 Datasheet
1Mb / 13P
The high output ceramic type 3535 with 35 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 07-04-2020
QLUV07N2EM-249 QUELIGHTING-QLUV07N2EM-249 Datasheet
1Mb / 13P
The high output ceramic type 3535 LEDs, UVC LED series are designed for high current operation and high power output applications. Quelighting UV LED is ideal UV light source for water disinfection.
1.1 09-08-2020
QLUV07P2EM-308 QUELIGHTING-QLUV07P2EM-308 Datasheet
951Kb / 13P
The high output ceramic type 3535 with 125 degree view angle LEDs, UVC LED series are designed for high current operation and high power output applications.
1.0 2021-06-16
QLUV07X3CV-271 QUELIGHTING-QLUV07X3CV-271 Datasheet
1Mb / 15P
The high output ceramic type of 3535 UV LEDs with 60 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
QLUV10X10HW-270 QUELIGHTING-QLUV10X10HW-270 Datasheet
1Mb / 15P
The high output ceramic type of 7070 UV LEDs with 45 degree quartz glass lens. High power UV LED series are designed for high current operation and high power output applications.
1.0 09-23-2020
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com