전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AAS26A10V 데이터시트 (PDF) - Analog Technologies, Inc.

AAS26A10V Datasheet PDF - Analog Technologies, Inc.
부품명 AAS26A10V
다운로드  AAS26A10V 다운로드
파일 크기   917.36 Kbytes
페이지   11 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Efficiency AC Input 26A 10V Laser Driver

AAS26A10V Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AAS26A10V Datasheet PDF - Analog Technologies, Inc.

부품명 AAS26A10V
다운로드  AAS26A10V Click to download

파일 크기   917.36 Kbytes
페이지   11 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Efficiency AC Input 26A 10V Laser Driver

AAS26A10V 데이터시트 (HTML) - Analog Technologies, Inc.


AAS26A10V 제품 세부 정보

FEATURES
 High efficiency: ≥ 70%
 Maximum output current: 26A
 Wide output voltage: 0V ~ 10V
 Wide input voltage: 100VAC ~ 240VAC
 High speed digital modulation: 5kHz
 Configurable valley current for digital modulation
 Low temperature rise: 30°C
 Over-temperature protection
 MBTF (Mean Time Before Failure): 180,000 hours
 Low corner noise at 0.1 ~ 10Hz: 354μAP-P
 The ripple voltage at 600kHz: <10mVP-P
 Compact size
 Low cost
 100 % lead (Pb)-free and RoHS compliant

APPLICATIONS
Driving high current laser diode bars with high stability and
high efficiency.

DESCRIPTIONS
The AAS26A10V is an electronic power supply brick designed
for driving laser diodes with up to 26A low noise current. The
output current can be set by an analog voltage of 0V to 2.5V,
an external potentiometer, or the built-in internal
potentiometers, to between 0 and 26A.
A pulsed output current can be generated by driving the PCN
port with a digital signal, under which, the peak output current
is set by the LISH port while the valley output current is set by
the LISL port. The modulation frequency can go up to 5kHz,
resulting to an approximately 56μS rise/fall time at the output
current.
The AAS26A10V laser driver comes with a high stability low
noise 2.5V reference voltage. It can be used for setting the
output current. This reference can also be used as the voltage
reference for external ADCs (Analog to Digital Converters)
and DACs (Digital to Analog Converters), which might be
used for monitoring and/or setting the laser current.
This laser driver brick has a high efficiency:
≥ 70%@VLDA = 3.5V&IOUT = 26A. It saves energy and has low
temperature rise.
There is an over-temperature protection circuit inside, in case
the laser power supply temperature exceeds the temperature
limit, 85°C, the laser driver will shut down itself and be turned
back on by itself after the temperature returns to the normal
temperature range.
There is a soft-start circuit in this laser driver, which ensures
smooth current transactions during power-up period.
In case there is a short circuit at the output, the internal
protection circuit will cut off the output.
The output voltage is automatically set from 0V to 10V to keep
the output current at a pre-set value. When the output voltage
exceeds the maximum value, the driver will not works properly.
The control loop is monitored in real time by an internal circuit,
to make sure that it works properly. The monitoring result is
sent to the LPGD node. When this pin is pulled up internally, it
indicates that the control loop works properly and Loop Good
LED will be lit. This pin signal can be sent to a microcontroller,
or used for driving an LED through a buffer. The internal
equivalent circuit of this pin is a 5kΩ pull-up resistor
connected to a 5V rail in parallel with an open drain
comparator output.
The main specifications are shown in Table 1 below.




유사한 부품 번호 - AAS26A10V

제조업체부품명데이터시트상세설명
logo
Analog Technologies, In...
AAS25A6V2 ANALOGTECHNOLOGIES-AAS25A6V2 Datasheet
946Kb / 11P
High Efficiency AC Input 25A 6V Laser Driver
1/25/2022
More results


유사한 설명 - AAS26A10V

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
Diodes Incorporated
AP1684 DIODES-AP1684 Datasheet
409Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
Rev 3
logo
Maxim Integrated Produc...
MAX3949 MAXIM-MAX3949 Datasheet
2Mb / 38P
11.3Gbps, Low-Power, AC-Coupled Laser Driver
Rev 1; 4/14
logo
Analog Technologies, In...
AAS100A5V1 ANALOGTECHNOLOGIES-AAS100A5V1 Datasheet
679Kb / 10P
High Efficiency AC Input 100A 5V Laser Driver
1/25/2022
AAS16A9.5V2 ANALOGTECHNOLOGIES-AAS16A9.5V2 Datasheet
920Kb / 11P
High Efficiency AC Input 16A 9.5V Laser Driver
1/25/2022
AAS25A6V2 ANALOGTECHNOLOGIES-AAS25A6V2 Datasheet
946Kb / 11P
High Efficiency AC Input 25A 6V Laser Driver
1/25/2022
AAS40A4V2 ANALOGTECHNOLOGIES-AAS40A4V2 Datasheet
923Kb / 11P
High Efficiency AC Input 40A 4V Laser Driver
1/25/2022
AAS45A4V2 ANALOGTECHNOLOGIES-AAS45A4V2 Datasheet
911Kb / 11P
High Efficiency AC Input 45A 4V Laser Driver
1/25/2022
AAS50A6V3 ANALOGTECHNOLOGIES-AAS50A6V3 Datasheet
945Kb / 11P
High Efficiency AC Input 50A 6V Laser Driver
1/25/2022
logo
Diodes Incorporated
AP1684A DIODES-AP1684A Datasheet
435Kb / 13P
AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
August 2014 Rev. 1 - 2
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com