전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APZD300V2A 데이터시트 (PDF) - Analog Technologies, Inc.

APZD300V2A Datasheet PDF - Analog Technologies, Inc.
부품명 APZD300V2A
다운로드  APZD300V2A 다운로드
파일 크기   243.98 Kbytes
페이지   5 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Efficiency Piezo Driver

APZD300V2A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
APZD300V2A Datasheet PDF - Analog Technologies, Inc.

부품명 APZD300V2A
다운로드  APZD300V2A Click to download

파일 크기   243.98 Kbytes
페이지   5 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Efficiency Piezo Driver

APZD300V2A 데이터시트 (HTML) - Analog Technologies, Inc.


APZD300V2A 제품 세부 정보

FEATURES
 Built-in waveform generator: sine, square and triangle
 High current capability: up to 2A
 Cut power consumption by 80%
 VIN = 5V
VOUT = –30 ~ 300V
Frequency = 0.1Hz ~ 20kHz
APPLICATIONS
Efficiently drive large piezos at high speed.

DESCRIPTION
The APZD300V2A is an electronic module designed for driving
piezos with high efficiency. Figure 1 shows the physical photo
of APZD300V2A. The output voltage is –30V to 300V when
powered by a 5V power supply.




유사한 부품 번호 - APZD300V2A

제조업체부품명데이터시트상세설명
logo
Comchip Technology
APZT2222A-HF COMCHIP-APZT2222A-HF Datasheet
492Kb / 5P
General Purpose Transistor
REV:A
APZT2907A-HF COMCHIP-APZT2907A-HF Datasheet
493Kb / 5P
General Purpose Transistor
REV:A
More results


유사한 설명 - APZD300V2A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X10MA ANALOGTECHNOLOGIES-AHVA100V2X10MA Datasheet
615Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X20MA ANALOGTECHNOLOGIES-AHVA100V2X20MA Datasheet
608Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA1KV2X50MA ANALOGTECHNOLOGIES-AHVA1KV2X50MA Datasheet
526Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA250V2X40MA ANALOGTECHNOLOGIES-AHVA250V2X40MA Datasheet
625Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA2KV2X10MA ANALOGTECHNOLOGIES-AHVA2KV2X10MA Datasheet
592Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA2KV2X50MA ANALOGTECHNOLOGIES-AHVA2KV2X50MA Datasheet
593Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA500V2X5MA ANALOGTECHNOLOGIES-AHVA500V2X5MA Datasheet
498Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com