전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATIA202JN 데이터시트 (PDF) - Analog Technologies, Inc.

ATIA202JN Datasheet PDF - Analog Technologies, Inc.
부품명 ATIA202JN
다운로드  ATIA202JN 다운로드
파일 크기   256.05 Kbytes
페이지   5 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Voltage Isolation Amplifier

ATIA202JN Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ATIA202JN Datasheet PDF - Analog Technologies, Inc.

부품명 ATIA202JN
다운로드  ATIA202JN Click to download

파일 크기   256.05 Kbytes
페이지   5 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 High Voltage Isolation Amplifier

ATIA202JN 데이터시트 (HTML) - Analog Technologies, Inc.


ATIA202JN 제품 세부 정보

FEATURES
 Isolated Power Outputs
 Small Size: 4 Channels/lnch Low
 Uncommitted Input Amplifier
 High CMR: 130dB (Gain = 100V/V)
 High Accuracy: ±0.025% Max Nonlinearity
 High CMV Isolation: ±1000V Continuous

APPLICATIONS
It can be applied for multichannel data acquisition, current
shunt measurements motor controls, process signal isolation,
high voltage instrumentation amplifier, etc.

DESCRIPTION
Upgraded Drop-in Replacement for AD202JN
The ATIA202JN is a high voltage isolation amplifier
designed for multiple applications where input signals are
measured, processed, or transmitted without a galvanic
connection. These isolation amplifiers in DIP package offer
a signal and power isolation function.
With internal transformer-coupling, the ATIA202JN
provides total galvanic isolation between the input and
output stages of the isolation amplifier. These amplifiers
eliminate the need for an external DC-DC converter, which
allows the designer to minimize the necessary circuit
overhead, thus reducing the overall design and component
costs.
The ATIA202JN is powered directly from a 15V DC power
supply, featuring small size, high accuracy, low power, wide
bandwidth, excellent performance, flexible input, isolated
power, etc.




유사한 부품 번호 - ATIA202JN

제조업체부품명데이터시트상세설명
logo
Analog Technologies, In...
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


유사한 설명 - ATIA202JN

제조업체부품명데이터시트상세설명
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202JY ANALOGTECHNOLOGIES-AT202JY Datasheet
267Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KY ANALOGTECHNOLOGIES-AT202KY Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KNL ANALOGTECHNOLOGIES-ATIA202KNL Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com