전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATMV24VPN150V20MA2 데이터시트 (PDF) - Analog Technologies, Inc.

ATMV24VPN150V20MA2 Datasheet PDF - Analog Technologies, Inc.
부품명 ATMV24VPN150V20MA2
다운로드  ATMV24VPN150V20MA2 다운로드
파일 크기   738.7 Kbytes
페이지   7 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 4W Isolated DC-DC Power Module

ATMV24VPN150V20MA2 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ATMV24VPN150V20MA2 Datasheet PDF - Analog Technologies, Inc.

부품명 ATMV24VPN150V20MA2
다운로드  ATMV24VPN150V20MA2 Click to download

파일 크기   738.7 Kbytes
페이지   7 Pages
제조업체  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
홈페이지  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
상세설명 4W Isolated DC-DC Power Module

ATMV24VPN150V20MA2 데이터시트 (HTML) - Analog Technologies, Inc.


ATMV24VPN150V20MA2 제품 세부 정보

FEATURES
 Wide Input Power Voltage Range: 18V to 36V
 Output Voltage: ±200V
 Max. Output Current: 10mA
 High Efficiency: 74%
@VIN = 24V & VOUT =±200V & IOUT = ±10mA
 Output Ripple Voltage: ±1% @20MHz
 Isolation Voltage: 1500VDC
 Output Short-Circuit Protection: Automatic Recovery
 Full Aluminum Housing for Complete Shielding
 Industry Standard DIP Package
 Operating Temperature Range: −40℃ ~ +85℃
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATIONS
This power module, ATMV12VPN200V10MA2, is
designed for achieving DC-DC conversion from low
voltage to high voltage as a power supply source. It is
widely used in scientific research and other fields
including:
 Sustaining Ion Pumps
 Spectral Analysis
 Electrophoresis
 Particle Accelerator
 Capillary Electrophoresis
 Piezo Devices
 Photo Multiplier Tubes
 Avalanche Photo Diodes

DESCRIPTION
This Power Module is a medium voltage isolated DC−DC converter with 2:1 input voltage range. With a wide
operating temperature range, built in short-circuit protection, providing this unit with high reliability and long life.




유사한 부품 번호 - ATMV24VPN150V20MA2

제조업체부품명데이터시트상세설명
logo
Analog Technologies, In...
ATMV24VPN150V20MA2 ANALOGTECHNOLOGIES-ATMV24VPN150V20MA2 Datasheet
793Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN150V20MA2 ANALOGTECHNOLOGIES-ATMV24VPN150V20MA2 Datasheet
780Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN150V20MA2 ANALOGTECHNOLOGIES-ATMV24VPN150V20MA2 Datasheet
812Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
More results


유사한 설명 - ATMV24VPN150V20MA2

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
APC08 ASTEC-APC08_04 Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
AC/DC Power Module 4W Ultra-compact Dimensions
logo
Linear Technology
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04_16 Datasheet
544Kb / 3P
AC/DC Power Module 4W
logo
Analog Technologies, In...
ATMV12V80V100MA1 ANALOGTECHNOLOGIES-ATMV12V80V100MA1 Datasheet
793Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V100V80MA1 ANALOGTECHNOLOGIES-ATMV24V100V80MA1 Datasheet
785Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN100V40MA2 ANALOGTECHNOLOGIES-ATMV24VPN100V40MA2 Datasheet
812Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
ATMV24VPN50V80MA2 ANALOGTECHNOLOGIES-ATMV24VPN50V80MA2 Datasheet
780Kb / 7P
8W Isolated DC-DC Power Module
6/28/2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com