전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD0504TL 데이터시트 (PDF) - AiT Semiconductor Inc.

ESD0504TL Datasheet PDF - AiT Semiconductor Inc.
부품명 ESD0504TL
다운로드  ESD0504TL 다운로드
파일 크기   452.76 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 ESD PROTECTION ULTER LOW CAPACITANCE ESD PROTECTION ARRAY

ESD0504TL Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
ESD0504TL Datasheet PDF - AiT Semiconductor Inc.

부품명 ESD0504TL
다운로드  ESD0504TL Click to download

파일 크기   452.76 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 ESD PROTECTION ULTER LOW CAPACITANCE ESD PROTECTION ARRAY

ESD0504TL 데이터시트 (HTML) - AiT Semiconductor Inc.


ESD0504TL 제품 세부 정보

DESCRIPTION
ESD0504TL is an ultra-low capacitance Transient Voltage Suppressor (TVS) designed to protection for high-speed data interfaces. With typical capacitance of 0.20pF (I/O to I/O) only, ESD0504TL is designed to protect parasitic-sensitive systems against over-voltage and over-current transient events. It complies with IEC 61000-4-2 (ESD), Level 4(±15kV air, ±8kV Contact discharge), IEC61000-4-4 (electrical fast transient-EFT) (40A, 5/50ns), very fast charged device model (CDM) ESD and cable discharge event (CDE), etc.
ESD0504TL uses small S C 7 4 package. Each ESD0504TL device can protect four high-speed data lines one VCC line. The combined features of ultra-low capacitance, small size and high ESD robustness make ESD0504TL ideal for high-speed data ports and high-frequency lines (e.g., HDMI & DVI) applications. The low clamping voltage of the ESD0504TL guarantees a minimum stress on the protected IC.
The
ESD0504TL is available in S C 7 4 Pa ckage

FEATURES
 Transient protection for high speed data li nes
IEC
61000−4−2 (ESD) 25kV (
±
17 kV Contact
IEC 61000
4 4(EFT) 40A (5/50ns)
Cable Discharge Event (CDE)
 Package optimized for high speed lines
 Small package (2.9mm*2.8mm*1.1mm)
 Protects four data lines and one V CC line
 Low capacitance: 0.20pF (I/O to I/O)
 Low leakage current
 Low clamping voltage
 Each I/O pin can withstand over 1000 ESD strikes for 8 kV contact discharge
 Available in S C 7 4 Pack age

APPLICATIONS
 Serial ATA
 MDDI Ports
 USB 2.0/3.0 Power and Data Line Protection
 Display Ports
 High De finition Multi Media Interface (HDMI)
 Digital Visual Interface (DVI)




유사한 부품 번호 - ESD0504TL

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
ESD0504F UMW-ESD0504F Datasheet
986Kb / 4P
Ultra Low Capacitance ESD Protection Array
More results


유사한 설명 - ESD0504TL

제조업체부품명데이터시트상세설명
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001_10 Datasheet
385Kb / 6P
Low Capacitance ESD Protection Array
logo
Infineon Technologies A...
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDA5V0A TSC-TESDA5V0A_15 Datasheet
263Kb / 5P
Low Capacitance ESD Protection Array
logo
Comchip Technology
ACPDVR105V0USP-HF COMCHIP-ACPDVR105V0USP-HF Datasheet
121Kb / 4P
Low Capacitance ESD Protection Array
ACSRS065V0P COMCHIP-ACSRS065V0P Datasheet
303Kb / 5P
Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1230 ONSEMI-CM1230_12 Datasheet
249Kb / 8P
Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com