전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD03 데이터시트 (PDF) - AiT Semiconductor Inc.

SD03 Datasheet PDF - AiT Semiconductor Inc.
부품명 SD03
다운로드  SD03 다운로드
파일 크기   372.87 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 350W UNIDIRECTIONAL TVS DIODES

SD03 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
SD03 Datasheet PDF - AiT Semiconductor Inc.

부품명 SD03
다운로드  SD03 Click to download

파일 크기   372.87 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 350W UNIDIRECTIONAL TVS DIODES

SD03 데이터시트 (HTML) - AiT Semiconductor Inc.


SD03 제품 세부 정보

DESCRIPTION
The
S D03 SD36 i s available in SO D 3 23 p a ckage

FEATURES
⚫ IEC6100-4-2 (ESD) ±15kV (air), ±8kV (contact)
⚫ IEC6100-4-4 (EFT) 40A (5/50ηs)
⚫ 350 Watts Peak Pulse Power per (tp=8/20μs)
⚫ Protects one I/O line (unidirectional)
⚫ Low clamping voltage
⚫ Working voltage: 3.3V to 36V
⚫ Low leakage current
⚫ Availabl e in SO D 3 23 p ackage

MECHANI CAL DATA
SOD-323 package
High temperature soldering: 260°C/10s

APPLICATIONS
⚫ Switches / Buttons
⚫ Test Equipment / Instrumentation
⚫ Point-of-Sale Terminals
⚫ Medical Equipment
⚫ Cell Phone Handsets and Accessories
⚫ Microprocessor base equipment
⚫ Personal Digital Assistants (PDA’s)
⚫ Notebooks, Desktops, and Servers
⚫ Portable Instrumentation
⚫ Networking and Telecom
⚫ Serial and Parallel Ports
⚫ Peripherals




유사한 부품 번호 - SD03

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
Low Leakage
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03 Datasheet
332Kb / 3P
300W Transient Voltage Suppressors Diode
More results


유사한 설명 - SD03

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
Shanghai Leiditech Elec...
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com