전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM35TF30SP01 데이터시트 (PDF) - Schneider Electric

RM35TF30SP01 Datasheet PDF - Schneider Electric
부품명 RM35TF30SP01_V01
다운로드  RM35TF30SP01 다운로드
파일 크기   98.4 Kbytes
페이지   3 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 multifunction phase control relay

RM35TF30SP01 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RM35TF30SP01 Datasheet PDF - Schneider Electric

부품명 RM35TF30SP01_V01
다운로드  RM35TF30SP01 Click to download

파일 크기   98.4 Kbytes
페이지   3 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 multifunction phase control relay

RM35TF30SP01 데이터시트 (HTML) - Schneider Electric


RM35TF30SP01 제품 세부 정보

Main
Range of Product Zelio Control
Product or Component Type
Modular measurement and control relays
Relay Type Multifunction control relay
Product Specific Application
For 3-phase supply
Relay name RM35TF
Relay monitored
parameters
Phase sequence
Asymmetry
Undervoltage and overvoltage in window mode
Phase failure detection
Time delay Adjustable 0.1...10 s, +/- 10 % of the full scale value
Switching capacity in VA
1250 VA
Measurement range 194...528 V AC




유사한 부품 번호 - RM35TF30SP01_V01

제조업체부품명데이터시트상세설명
logo
Schneider Electric
RM35TF30SP01 SCHNEIDER-RM35TF30SP01 Datasheet
97Kb / 3P
multifunction phase control relay
Aug 17, 2019
More results


유사한 설명 - RM35TF30SP01_V01

제조업체부품명데이터시트상세설명
logo
Schneider Electric
RM22TA33 SCHNEIDER-RM22TA33 Datasheet
75Kb / 3P
three-Phase Asymmetry control relay
Aug 11, 2020
RM22TG20 SCHNEIDER-RM22TG20 Datasheet
117Kb / 7P
three-Phase control relay
Aug 11, 2020
RM35TF30 SCHNEIDER-RM35TF30 Datasheet
133Kb / 6P
Multifunction phase control relay
Aug 11, 2020
RM4TG20 SCHNEIDER-RM4TG20 Datasheet
160Kb / 9P
three-phase network control relay
Aug 11, 2020
RM4TR32 SCHNEIDER-RM4TR32 Datasheet
165Kb / 9P
three-phase network control relay
Aug 11, 2020
RM17TU00 SCHNEIDER-RM17TU00 Datasheet
73Kb / 5P
multifunction control relay RM17-TU - range
7/9/2011
RM17TA00 SCHNEIDER-RM17TA00 Datasheet
141Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM17TT00 SCHNEIDER-RM17TT00 Datasheet
136Kb / 6P
Harmony, Modular multifunction 3-phase supply control relay, 5 A, 1 CO, 208...480 V AC
Sep 13, 2021
RM22TA31 SCHNEIDER-RM22TA31 Datasheet
160Kb / 8P
Harmony, Modular multifunction 3-phase supply control relay, 8 A, 2 CO, 200....240 V AC
Sep 13, 2021
RM35TF30SP01 SCHNEIDER-RM35TF30SP01 Datasheet
97Kb / 3P
multifunction phase control relay
Aug 17, 2019
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com