| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Fairchild Semiconductor |
ISL9V5045S3S
|
229Kb / 9P |
EcoSPARK N-Channel Ignition IGBT
|
 ON Semiconductor |
FGD2040G3-F085
|
130Kb / 6P |
EcoSPARK 3 Ignition IGBT 200 mJ, 400 V, N-Channel Ignition IGBT
February, 2022-Rev. P0 |
|
FGB3040G2-F085
|
811Kb / 13P |
ECOSPARK 2 300 mJ, 400 V, N-Channel Ignition IGBT
July, 2022 - Rev. 4 |
|
FGD3040G2-F085C
|
966Kb / 9P |
EcoSPARK 2 Ignition IGBT 300 mJ, 400 V, N−Channel Ignition IGBT
April, 2019 - Rev. 1 |
|
FGD3040G2-F085V
|
723Kb / 9P |
EcoSPARK 2 Ignition IGBT 300 mJ, 400 V, N-Channel Ignition IGBT
August, 2019 - Rev. 2 |
|
FGD3050G2V
|
631Kb / 8P |
EcoSPARK 2 Ignition IGBT 300 mJ, 500 V, N-Channel Ignition IGBT
April, 2019 - Rev. 1 |
|
FGD3245G2-F085C
|
3Mb / 8P |
EcoSPARK 2 Ignition IGBT 320 mJ, 450 V, N−Channel Ignition IGBT
January, 2019 - Rev. 0 |
|
FGD3245G2-F085V
|
2Mb / 8P |
EcoSPARK 2 Ignition IGBT 320 mJ, 450 V, N-Channel Ignition IGBT
April, 2019 - Rev. 1 |
|
FGD3440G2-F085V
|
1,011Kb / 8P |
EcoSPARK 2 N-Channel Ignition IGBT 335 mJ, 400 V
October, 2020 - Rev. 3 |
|
ISL9V5045S3ST-F085C
|
1Mb / 8P |
ECOSPARK Ignition IGBT 500 mJ, 450 V, N-Channel Ignition IGBT
May, 2022 - Rev. 1 |