전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PTM535BZ 데이터시트 (PDF) - EnOcean GmbH.

PTM535BZ Datasheet PDF - EnOcean GmbH.
부품명 PTM535BZ
다운로드  PTM535BZ 다운로드
파일 크기   161.48 Kbytes
페이지   1 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 Transmitter module for BLE and Zigbee

PTM535BZ Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PTM535BZ Datasheet PDF - EnOcean GmbH.

부품명 PTM535BZ
다운로드  PTM535BZ Click to download

파일 크기   161.48 Kbytes
페이지   1 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 Transmitter module for BLE and Zigbee

PTM535BZ 데이터시트 (HTML) - EnOcean GmbH.


PTM535BZ 제품 세부 정보

Features overview
Radio Standards
Default: 2.4 GHz Bluetooth Low Energy (Advertising Mode)
Selectable via NFC: 2.4 GHz Zigbee Green Power (Generic Switch)
BLE Radio Channels
Default: BLE Channel 37, 38 and 39 (Advertising Channels)
Selectable via NFC: BLE Channel 1 … 79 (selectable via NFC)
Zigbee Radio Channels
Default: Zigbee Channel 11
Selectable via LRN button: Zigbee Channel 11, 15, 20 and 25
Selectable via NFC: Zigbee Channel 11 … 26
Data Encoding
BLE: EnOcean BLE Sensor Protocol (same as PTM 215B)
Zigbee: Green Power Generic Switch Model (same as PTM 216Z)
Security
AES128 (CBC) authentication with sequence counter
Transmission Power
+4 dBm
Transmission Range (typ.)
30 m line of sight / 10 m indoor environment
Antenna
Integrated antenna
Power Supply
Kinetic harvester (ECO 200)
Configuration Interface
NFC (integrated antenna)
User Interface
Learn button
Operating Conditions
-25°C ... +65°C / 0 ... 90 % r.h.
Indoor use in dry rooms only
Dimensions
26.2 mm x 21.15 mm (same as PTM 535)




유사한 부품 번호 - PTM535BZ

제조업체부품명데이터시트상세설명
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
202Kb / 2P
Energy Harvester
June 2021
More results


유사한 설명 - PTM535BZ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
JN5148-001M03T534 NXP-JN5148-001M03T534 Datasheet
376Kb / 23P
JenNet, ZigBee PRO and IEEE802.15.4 Module
2010
logo
World Produts Inc.
WPANT10001 WPI-WPANT10001 Datasheet
179Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10002 WPI-WPANT10002 Datasheet
171Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10053 WPI-WPANT10053 Datasheet
137Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10066 WPI-WPANT10066 Datasheet
162Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
WPANT10067 WPI-WPANT10067 Datasheet
129Kb / 3P
Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
logo
TriQuint Semiconductor
QPG6095 TRIQUINT-QPG6095 Datasheet
305Kb / 3P
ZigBee/Thread/BLE Smart Home Communications Controller
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
logo
Johanson Technology Inc...
0900DP15A2450 JOHANSON-0900DP15A2450 Datasheet
143Kb / 3P
900MHz / 2.4GHz SMD Diplexer for IoT, BLE, WiFi, Zigbee, LPWAN, Home Automation, and Smart Readers.
logo
Bouffalo Lab Intelligen...
BL702 BOUFFALOALB-BL702 Datasheet
1Mb / 47P
BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
Version 2.0
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com