전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM330 데이터시트 (PDF) - EnOcean GmbH.

STM330 Datasheet PDF - EnOcean GmbH.
부품명 STM330
다운로드  STM330 다운로드
파일 크기   220.36 Kbytes
페이지   1 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 Sensor Transmitter Module

STM330 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
STM330 Datasheet PDF - EnOcean GmbH.

부품명 STM330
다운로드  STM330 Click to download

파일 크기   220.36 Kbytes
페이지   1 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 Sensor Transmitter Module

STM330 데이터시트 (HTML) - EnOcean GmbH.


STM330 제품 세부 정보

Available variants frequency, antenna, learn button
STM 330: 868.3 MHz, whip, back button
STM 331: 868.3 MHz, helical, back button
STM 331U: 902.875 MHz, helical, back button
STM 332U: 902.875 MHz, whip, side button
STM 333U: 902.875 MHz, helical, side button
Data rate/Modulation type
125 kbps / ASK (868 MHz), FSK (902 MHz)
Radiated output power
STM 330: +8 dBm1 (EIRP) ± 2.5 dB2
STM 331: +5 dBm (EIRP) ± 2.5 dB
STM 331U: +99 dBμV/m ± 2 dB
STM 332U: +101 dBμV/m ± 2 dB
STM 333U: +99 dBμV/m ± 2 dB
Power supply @ VDD
Pre-installed solar cell
Operation time in darkness @ 25°C
min. 10 days, if energy storage fully charged3
Operation start up time with empty energy store
typ. <2.5 min @ 400 lux / 25 °C incandescent or fluorescent light
Input channels
Internal: temperature sensor, LRN button
External: occupancy button, set point dial, HSM 100
Temperature sensor
Measurement range 0-40 °C, resolution 0.16 K
Accuracy typ. ±0.5 K between 17 °C and 27 °C
typ. ±1 K between 0 °C and 40 °C
EnOcean Equipment Profiles
configurable EEPs: A5-02-05 (default), A5-02-30, A5-10-05, A5-10-03
and with HSM 100: A5-04-01, A5-10-10, A5-10-12
SIGNAL 0x0E (Entering Transport Mode)
Connector
20 pins, grid 1.27 mm, □ 0.4 mm
Radio regulations
RED (EU): STM 330 / STM331
FCC (US) / ISED (CA): STM 331U / STM 332U / 333U




유사한 부품 번호 - STM330

제조업체부품명데이터시트상세설명
logo
EnOcean GmbH.
STM330 ENOCEAN-STM330 Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
More results


유사한 설명 - STM330

제조업체부품명데이터시트상세설명
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
Transmitter Module
logo
List of Unclassifed Man...
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
FSK TRANSMITTER MODULE
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
FM Transmitter Module
54127 ETC2-54127 Datasheet
123Kb / 3P
AM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
Wireless Sensor Transmitter Module
logo
Pepperl+Fuchs Inc.
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
logo
EnOcean GmbH.
STM330 ENOCEAN-STM330 Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
STM431J ENOCEAN-STM431J Datasheet
120Kb / 1P
Sensor Transmitter Module
July 2019
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com