전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U60FT 데이터시트 (PDF) - EnOcean GmbH.

U60FT Datasheet PDF - EnOcean GmbH.
부품명 U60FT
다운로드  U60FT 다운로드
파일 크기   512.88 Kbytes
페이지   2 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 FT USB Module

U60FT Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
U60FT Datasheet PDF - EnOcean GmbH.

부품명 U60FT
다운로드  U60FT Click to download

파일 크기   512.88 Kbytes
페이지   2 Pages
제조업체  ENOCEAN [EnOcean GmbH.]
홈페이지  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
상세설명 FT USB Module

U60FT 데이터시트 (HTML) - EnOcean GmbH.


U60FT 제품 세부 정보

Features and Benefits

• USB interface for LON FT networks for any
edge server, gateway, controller, or device,
including SmartServer™ IoT
• Compatible with IzoT Net Server, OpenLNS®
Server, LNS® Server and OpenLDV
applications
• Works with IzoT Net and LNS compatible
applications such as the IzoT Commissioning
Tool and LonMaker Integration Tool
• Compatible with SmartServer IoT
• Compact 72mm x29mm (2.8″ x 1.1″) boardlevel
form factor with 2.54mm center pin
headers for simple integration
• Powered by 3.3VDC input
• Source code available as download for a
Linux-compatible driver

Product Description

The U60 FT USB network interface module enables a controller or
computer to communicate with LON and IzoT™ networks via USB.
The compact boards include network and USB pin headers for simple
integration into any controller or device.
The U60 is an interface to LON/IP-FT and LON-FT and is compatible with
OpenLDV 5 and with hosts implementing the LON/IP stack which provides
source code for LON/IP and LON compatible protocol stacks.
The interface facilitates communication to everyday devices like pumps,
motors, valves, sensors, actuators and lights for process control, building
automation, energy management, transportation systems control and
telecommunications equipment management.
Tx and Rx signals provide an indication of LON packet transmission and
reception and a service signal communicates device status to the host via
the USB interface enabling the host controller to provide status indicators.
Optional on-board Tx, Rx and service LED indicators are available.




유사한 부품 번호 - U60FT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U60 ETC2-U60 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U60 ETC2-U60 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
U60 ETC2-U60 Datasheet
872Kb / 2P
IzoTTM U60 FT Network Interface Module
U600 ETC2-U600 Datasheet
280Kb / 1P
Micro.usb
logo
ATMEL Corporation
U6032B ATMEL-U6032B Datasheet
189Kb / 12P
AUTOMOTIVE TOGGLE SWITCH IC
More results


유사한 설명 - U60FT

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
E1735A HP-E1735A Datasheet
104Kb / 1P
USB Axis Module
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671 Datasheet
153Kb / 1P
GPIB USB Module
logo
List of Unclassifed Man...
AP-UM256ME10CG ETC2-AP-UM256ME10CG Datasheet
429Kb / 22P
USB-Disk Module?
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
GPIB USB Module
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
USB Network Interface ??TP/FT-10 Channel
logo
Leopard Imaging Inc.
LI-USB30-C661X LEOPARD-LI-USB30-C661X Datasheet
162Kb / 2P
USB 3.0 Camera Module
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
USB Dongle Module
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
IOGEAR
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com