전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1478364 데이터시트 (PDF) - PHOENIX CONTACT

1478364 Datasheet PDF - PHOENIX CONTACT
부품명 1478364
다운로드  1478364 다운로드
파일 크기   350.67 Kbytes
페이지   7 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 Network cable - SPE-T1-M12MS/ 1,0-99B

1478364 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1478364 Datasheet PDF - PHOENIX CONTACT

부품명 1478364
다운로드  1478364 Click to download

파일 크기   350.67 Kbytes
페이지   7 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 Network cable - SPE-T1-M12MS/ 1,0-99B

1478364 데이터시트 (HTML) - PHOENIX CONTACT


1478364 제품 세부 정보

Network cable, Single Pair Ethernet CAT B (1 Gbps), 2-position halogen-free, shielded
(Advanced Shielding Technology), Plug straight M12-SPE / IP67, on free cable end / IP67, cable
length: 1 m

Your advantages
• Future-proof: standardized connectors in accordance with IEC 63171-5 (IP67)
• Easily integrated: Male and female versions for established inductive sensors and flying leads
• Straightforward servicing: M12 connectors are compatible with IP20 connectors for SPE
• Safely shielded: patch cables with Advanced Shielding Technology




유사한 부품 번호 - 1478364

제조업체부품명데이터시트상세설명
logo
Weidmuller
1478360000 WEIDMULLER-1478360000 Datasheet
87Kb / 4P
BLAC 9R OR
1478360000 WEIDMULLER-1478360000 Datasheet
88Kb / 4P
BLAC 4R OR
1478360000 WEIDMULLER-1478360000 Datasheet
88Kb / 4P
BLAC 8R OR
logo
PHOENIX CONTACT
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
1478366 PHOENIX-1478366 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 5,0-99B
Nov 16, 2022
More results


유사한 설명 - 1478364

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
1478366 PHOENIX-1478366 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 5,0-99B
Nov 16, 2022
1478367 PHOENIX-1478367 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B
Nov 16, 2022
1478368 PHOENIX-1478368 Datasheet
350Kb / 7P
Network cable - SPE-T1- 1,0-99B/M12FS
Nov 16, 2022
1478372 PHOENIX-1478372 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 1,0-99B/M12FS
Nov 16, 2022
1478373 PHOENIX-1478373 Datasheet
424Kb / 8P
Network cable - SPE-T1-M12MS/ 5,0-99B/M12FS
Nov 16, 2022
1478376 PHOENIX-1478376 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/ 1,0-99B/M12MS
Nov 16, 2022
1478377 PHOENIX-1478377 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/ 5,0-99B/M12MS
Nov 16, 2022
1478380 PHOENIX-1478380 Datasheet
352Kb / 7P
Network cable - SPE-T1-M12MS/10,0-99B/M12MS
Nov 16, 2022
1364622 PHOENIX-1364622 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B/M12MS
Jan 11, 2023
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com