| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Amphenol Corporation |
7032-6759-6860
|
141Kb / 1P |
SMPM FEMALE R/A TO 2.92MM MALE 횠.047 CABLE ASSEMBLY
|
|
7032-7237-7239
|
75Kb / 1P |
SMPM FEMALE R/A TO SMA MALE R/A FOR .047 CABLE ASSEMBLY
|
 Amphenol SV Microwave |
7012-2004-2005
|
89Kb / 1P |
SMP FEMALE R/A TO SMP FEMALE ASSEMBLY FOR .047 SUPERFLEX CABLE
SJ 07/21/22 |
|
7012-2006-2007
|
89Kb / 1P |
SMP FEMALE R/A TO SMA MALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
KRR 07/21/22 |
|
7015-1107-1108
|
88Kb / 1P |
2.92mm MALE TO 2.92mm MALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
SJ 07/20/22 |
|
7032-9433-9434
|
89Kb / 1P |
SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22 |
|
7032-9437
|
88Kb / 1P |
SMPM FEMALE TO SMA MALE 3" CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22 |
|
7015-1108-1108
|
80Kb / 1P |
2.92mm MALE TO 2.92mm MALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/22 |
|
7032-9434-9434
|
81Kb / 1P |
SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/22 |
|
7032-9436-9436
|
80Kb / 1P |
SMPM FEMALE R/A TO 2.92mm MALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/22 |