전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90197XBG 데이터시트 (PDF) - Toshiba Semiconductor

TC90197XBG Datasheet PDF - Toshiba Semiconductor
부품명 TC90197XBG
다운로드  TC90197XBG 다운로드
파일 크기   1705.58 Kbytes
페이지   31 Pages
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
상세설명 Dual screen signal processing IC for small panel

TC90197XBG Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TC90197XBG Datasheet PDF - Toshiba Semiconductor

부품명 TC90197XBG
다운로드  TC90197XBG Click to download

파일 크기   1705.58 Kbytes
페이지   31 Pages
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
상세설명 Dual screen signal processing IC for small panel

TC90197XBG 데이터시트 (HTML) - Toshiba Semiconductor


TC90197XBG 제품 세부 정보

1. Description
TC90197XBG is a highly integrated, high performance picture
processor for small LCD panel ( W-VGA ). It adapts analog
component, composite Video, digital RGB, digital YUV signal
format, and it has a video output of digital RGB.
In addition timing control signal output for W-VGA panel.
2. Applications
Car navigation / Car entertainment
3. Features
 Input interface
• 2ch Component video signal input (selectable RGB and YCbCr, 525i / 625i / 525p / 625p)
 8bit ADC 3ch
 Gch IN input t pin : Extra car camera mode pin ( for NTSC / PAL color decoder)
• Composite video input with 3ch selector ( NTSC / PAL / SECAM / PAL-M / PAL-N / PAL60 / 443NTSC )
 8bit ADC 1ch
• Digital input interface 1 ( RGB (525p / 625p): 6bit × 3ch)
• Digital input interface 2 (Selectable RGB (525p / 625p): 6bit × 3ch and YUV: ITU-R BT.601 (525i / 625i / 525p / 625p)
or ITU-R BT.656 (525i / 625i) )
 Output interface
• Digital RGB Output ( 8bit × 3ch )
• LCD Timing Control Output for WVGA panel (W-VGA: 800 dot × 480 Line)
• LED Back Light Control Output ( Dimmer (PWM) )
 Key Features
• 3 line Digital comb filter ( NTSC / PAL )
• Color decoder for Multi-color system ( NTSC / PAL / SECAM / PAL-M / PAL-N / PAL60 / 443NTSC )
• Digital PLL (for Clock Generator)
• Scaling function ( built in 16 Mbit DRAM )
• Super impose function
 Overlay function ( Timing pulse control / Chroma Key )
 Line drawing OSD
 Built in SRAM font and fixed characters font OSD
• YCbCr Picture quality control functions
 Y: HVD Enhancer, H/V Enhancer, LTI, Noise canceller, Contrast, Brightness
 C: Color management, Skin color correction, CTI, Noise canceller, Gain control, Cb/Cr offset
• RGB Picture quality control functions (RGB Contrast , Brightness)
• Y-Dynamic gamma
• Picture gamma ( 8 inflection points setting )
• RGB static gamma( 8 inflection points setting )
• I2C Bus control ( Fast mode )
• EEPROM interface ( 64 kbit / 128 kbit / 256 kbit )
 Power Supply
• 1.5 V ( for logic circuit and DRAM ) / 2.5 V ( for analog circuit and DRAM ) / 3.3 V ( for I/O block )




유사한 부품 번호 - TC90197XBG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90193ASBG TOSHIBA-TC90193ASBG Datasheet
610Kb / 23P
Video signal processing IC for small LCD
2017-03-24 Rev.1.00
TC90193SBG TOSHIBA-TC90193SBG Datasheet
530Kb / 25P
Video signal processing IC for small LCD
2016-12-01 Rev.1.00
TC90195AXBG TOSHIBA-TC90195AXBG Datasheet
328Kb / 8P
Video signal Processing
2018-05-07 Rev. 1.00
TC90195XBG TOSHIBA-TC90195XBG Datasheet
287Kb / 8P
Video signal Processing
2017-04-03 Rev. 1.00
More results


유사한 설명 - TC90197XBG

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
Synchronizing signal processing IC
AN5795NK PANASONIC-AN5795NK Datasheet
204Kb / 3P
Deflection Signal Processing IC for CRT
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
GSM signal processing IC
1996 Oct 29
logo
Panasonic Semiconductor
MN673274 PANASONIC-MN673274 Datasheet
92Kb / 14P
Signal-Processing IC for Multipurpose Cameras
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
logo
Toshiba Semiconductor
TC90175XBG TOSHIBA-TC90175XBG Datasheet
407Kb / 8P
Video signal processing IC
2018-07-02 Rev.1.00
TC90193ASBG TOSHIBA-TC90193ASBG Datasheet
610Kb / 23P
Video signal processing IC for small LCD
2017-03-24 Rev.1.00
TC90193SBG TOSHIBA-TC90193SBG Datasheet
530Kb / 25P
Video signal processing IC for small LCD
2016-12-01 Rev.1.00
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com