전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

88W8987_SDS 데이터시트 (PDF) - NXP Semiconductors

88W8987_SDS Datasheet PDF - NXP Semiconductors
부품명 88W8987_SDS_V02
다운로드  88W8987_SDS 다운로드
파일 크기   1069.19 Kbytes
페이지   89 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution

88W8987_SDS Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
88W8987_SDS Datasheet PDF - NXP Semiconductors

부품명 88W8987_SDS_V02
다운로드  88W8987_SDS Click to download

파일 크기   1069.19 Kbytes
페이지   89 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution

88W8987_SDS 데이터시트 (HTML) - NXP Semiconductors


88W8987_SDS 제품 세부 정보

The 88W8987 is a highly integrated Wi-Fi (2.4/5 GHz) and Bluetooth single-chip solution,
specifically designed to support the speed, reliability, and quality requirements of next
generation Very High Throughput (VHT) products.
The System-on-Chip (SoC) provides both simultaneous and independent operation of the
following:
• IEEE 802.11ac (Wave 2), 1x1 with data rates up to MCS9 (433 Mbit/s)
• Bluetooth 5.2 (includes Bluetooth Low Energy (LE))
The SoC also provides:
• Bluetooth Classic and Bluetooth LE dual (Smart Ready) operation
• Wi-Fi indoor location positioning (802.11mc)
For security, the device supports high performance 802.11i security standards through
implementation of the Advanced Encryption Standard (AES)/Counter Mode CBCMAC
Protocol (CCMP), AES/Galois/Counter Mode Protocol (GCMP), AES/Cipher-
Based Message Authentication Code (CMAC), and WLAN Authentication and Privacy
Infrastructure (WAPI) security mechanisms.
For video, voice, and multimedia applications, 802.11e Quality of Service (QoS) is
supported. The device also supports 802.11h Dynamic Frequency Selection (DFS) for
detecting radar pulses when operating in the 5 GHz range.
Host interfaces include SDIO 3.0 and high-speed UART interfaces for connecting Wi-Fi
and Bluetooth technologies to the host processor.
The device is designed with two front-end configurations to accommodate Wi-Fi and
Bluetooth on either separate or shared paths:
• 2-antenna configuration—1x1 Wi-Fi and Bluetooth on separate paths (QFN)
• 1-antenna configuration—1x1 Wi-Fi and Bluetooth on shared paths (eWLP)
The following figures show the application diagrams for each package option.

General features
• Package options
– 68-pin 8x8 mm QFN with wettable flanks
– 83-bump 4.6x4.2 mm eWLP
• Power management
– Low power dissipation
– Optional lower power operation with external sleep clock
– Sleep and standby modes for low-power operation
• Independent ARM-based Wi-Fi and Bluetooth CPUs
• Supports reference clock signal from external crystal or external crystal oscillator
• Memory
– Internal SRAM
– Boot ROM
– One Time Programmable (OTP) memory to store the MAC address and calibration
data
• Peripheral interfaces
– GPIO interface (up to 21)

Applications
• Wi-Fi and Bluetooth enabled smart phones and tablets
• Personal computing systems including notebooks and ultrabooks
• Wireless home audio and video entertainment systems
• Mobile routers and Internet of Things (IoT) gateways




유사한 부품 번호 - 88W8987_SDS_V02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
More results


유사한 설명 - 88W8987_SDS_V02

제조업체부품명데이터시트상세설명
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
Tripp Lite. All Rights ...
U263-AC600 TRIPPLITE-U263-AC600 Datasheet
182Kb / 3P
Dual-Band USB Wi-Fi Adapter - 2.4 GHz and 5 GHz
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS Datasheet
1Mb / 88P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 2-21 May 2021
88W8801-SDS NXP-88W8801-SDS Datasheet
674Kb / 57P
2.4 GHz Single-band 1x1 Wi-Fi 4 Solution
Rev. 2-14 December 2020
88W8977-SDS NXP-88W8977-SDS Datasheet
945Kb / 81P
2.4 GHz/5 GHz Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2Combo SoC
Rev. 3-13 May 2021
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
More results




NXP Semiconductors 에 대하여


NXP 반도체는 자동차, 산업, 통신 및 소비자 시장을 포함한 다양한 응용 프로그램을위한 광범위한 반도체 및 통합 회로를 설계, 개발 및 제조하는 공개 거래 다국적 회사입니다.

이 회사는 2006 년에 설립되었으며 네덜란드 아인트호벤에 본사를두고 있습니다.

NXP는 마이크로 컨트롤러, 마이크로 프로세서, 보안 인증 IC, 전력 관리 IC, RF 및 마이크로파 구성 요소, 센서 솔루션을 포함한 광범위한 제품 포트폴리오를 제공합니다.

이 회사의 제품은 에너지 효율적이고 안전하며 신뢰할 수 있도록 설계되었으며 자동차 시스템, 산업 자동화 및 제어, 스마트 주택 및 건물 및 연결된 장치를 포함한 다양한 응용 분야에서 사용됩니다.

NXP는 혁신 및 고객 만족에 전념하고 있으며 고객에게 최고의 반도체 솔루션을 제공하기 위해 최고의 반도체 솔루션을 제공하기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com