전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PJA7002H 데이터시트 (PDF) - Pan Jit International Inc.

PJA7002H Datasheet PDF - Pan Jit International Inc.
부품명 PJA7002H
다운로드  PJA7002H 다운로드
파일 크기   288.94 Kbytes
페이지   6 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 60V N-Channel Enhancement Mode MOSFET

PJA7002H Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PJA7002H Datasheet PDF - Pan Jit International Inc.

부품명 PJA7002H
다운로드  PJA7002H Click to download

파일 크기   288.94 Kbytes
페이지   6 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 60V N-Channel Enhancement Mode MOSFET

PJA7002H 데이터시트 (HTML) - Pan Jit International Inc.


PJA7002H 제품 세부 정보

Features
 RDS(ON) , VGS@10V, ID@300mA<5Ω
 RDS(ON) , VGS@5V, ID@50mA<7.5Ω
 Advanced Trench Process Technology
 ESD Protected
 Specially Designed for Relay driver, Speed line drive, etc.
 Lead free in compliance with EU RoHS 2011/65/EU directive.
 Green molding compound as per IEC61249 Std. (Halogen Free)
Mechanical Data
 Case: SOT-23 Package
 Terminals: Solderable per MIL-STD-750, Method 2026




유사한 부품 번호 - PJA7002H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PJA733 ETC1-PJA733 Datasheet
76Kb / 3P
PNP Epitaxial Silicon Transistor
PJA733CT ETC1-PJA733CT Datasheet
76Kb / 3P
PNP Epitaxial Silicon Transistor
PJA733CX ETC1-PJA733CX Datasheet
76Kb / 3P
PNP Epitaxial Silicon Transistor
More results


유사한 설명 - PJA7002H

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com