전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NJU77903-H 데이터시트 (PDF) - New Japan Radio

NJU77903-H Datasheet PDF - New Japan Radio
부품명 NJU77903-H
다운로드  NJU77903-H 다운로드
파일 크기   2315.43 Kbytes
페이지   25 Pages
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
상세설명 High Output Current, Rail-to-Rail Input / Output Single CMOS Operational Amplifiers

NJU77903-H Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NJU77903-H Datasheet PDF - New Japan Radio

부품명 NJU77903-H
다운로드  NJU77903-H Click to download

파일 크기   2315.43 Kbytes
페이지   25 Pages
제조업체  NJRC [New Japan Radio]
홈페이지  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
상세설명 High Output Current, Rail-to-Rail Input / Output Single CMOS Operational Amplifiers

NJU77903-H 데이터시트 (HTML) - New Japan Radio


NJU77903-H 제품 세부 정보

■ FEATURES
● AEC-Q100 Grade 1 Qualified
● High output current ±100mA typ. (200mAPP typ.)
● Operating temperature Topr = −40°C to 125°C
● Rail-to-Rail input / output
● High EMI immunity
● Supply voltage 6.8V to 36V
● Supply current 9.5mA typ.
● Open loop gain 100dB typ.
● Input bias current 1pA typ.
● Slew rate 3.5V/μs typ.
● Unity gain frequency 1.5MHz typ.
● Thermal shutdown
● Current limit
● Package TO-252-5-L3

■ DESCRIPTION
The NJU77903 is a 36V operable Rail-to-Rail input/output
CMOS operational amplifier featuring an output current
capacity of 200mAPP typ.
It is suitable for high voltage and high output current
applications such as drive motors for hybrid and electric
vehicles and resolver excitation applications that are angle
detection sensors for EPS.
In such applications, high output current was supported by
configuring the circuit with multiple parts such as operational
amplifiers and transistors, which led to complicated circuit
design and larger ECU. By using the NJU77903, it contributes
to simplification of design and reduction in size and weight of
the mounting board and ECU.




유사한 부품 번호 - NJU77903-H

제조업체부품명데이터시트상세설명
logo
Nisshinbo Micro Devices...
NJU77903-H NISSHINBO-NJU77903-H Datasheet
915Kb / 25P
High Output Current, Rail-to-Rail Input / Output Single CMOS Operational Amplifiers
Ver.2.0
More results


유사한 설명 - NJU77903-H

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV.F
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
OP279 AD-OP279_15 Datasheet
254Kb / 16P
Rail-to-Rail High Output Current Operational Amplifiers
REV. G
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJU77903 NJRC-NJU77903 Datasheet
1Mb / 27P
High Output Current, Rail-to-Rail Input/Output Single CMOS Operational Amplifiers
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com