| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Littelfuse |
0257001
|
178Kb / 2P |
ATO Blade Fuse Rated 32V
|
|
0297002
|
197Kb / 2P |
MINI Blade Fuse Rated 32V
|
|
0299020
|
205Kb / 2P |
MAXI Blade Fuse Rated 32V
|
|
0496060
|
123Kb / 1P |
CABLEPRO짰 Cable Protector Fuses Rated 32V
|
|
0257001.PXPV
|
175Kb / 2P |
ATO짰 Blade Fuse Rated 32V
|
|
028707.5H
|
441Kb / 2P |
ATOF??Blade Fuse Rated 32V
|
|
029707.5U
|
281Kb / 2P |
MINI짰 BLADE FUSE RATED 32V
|
|
0299025.TXN
|
206Kb / 2P |
MAXI Blade Fuse Rated 32V
|
|
166.7000.4302
|
284Kb / 2P |
FKS ATO STYLE BLADE FUSE RATED 80V UL 248 Special Purpose Fuses
|
|
142.6185.4102
|
290Kb / 2P |
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
|