| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 List of Unclassifed Man... |
632-015-266-033
|
560Kb / 3P |
High-density there contact rows with 125 footprint right angle bend
|
|
634-015-632-042
|
1Mb / 2P |
High-density three contact rows with .350 (8.89) footprint right angle bend
|
 EDAC, All Rights Reserv... |
621-SERIES
|
363Kb / 2P |
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
|
|
623-SERIES
|
373Kb / 2P |
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
|
|
625-SERIES
|
357Kb / 2P |
625 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Plug
|
|
629-SERIES
|
353Kb / 2P |
629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
|
|
632-SERIES
|
405Kb / 2P |
632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
|
|
633M-SERIES
|
330Kb / 3P |
633M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Plug
|
|
634-SERIES
|
406Kb / 3P |
634 Series D-Sub Connectors | High Density Three Contact Rows with .350"(8.89mm) Footprint RightAngle Bend | Receptacle
|
|
634M-SERIES
|
330Kb / 3P |
634M Series D-Sub Connectors | Machined Pins | High Density Three Contact Rows with 0.350" (8.89mm) Footprint Right Angle Bend | Receptacle
|