| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Vishay Barry |
T50R0-30-10X
|
153Kb / 2P |
30W BeO Flanged Termination
REV.B OCT 27 2014 |
|
T50R0-30-13X
|
151Kb / 2P |
30W BeO Flanged Termination
REV.B OCT 27 2014 |
|
T50R0-60-12X
|
152Kb / 2P |
60W BeO Flanged Termination
REV.D OCT 27 2014 |
|
T50R0-60-49E
|
158Kb / 2P |
60W BeO Flanged Termination
REV.C NOV 5 2014 |
|
T50R0-60-50E
|
156Kb / 2P |
60W BeO Flanged Termination
REV.C NOV 5 2014 |
|
T50R0-60-50X
|
151Kb / 2P |
60W BeO Flanged Termination
REV.B OCT 27 2014 |
|
T50R0-1750-1X
|
179Kb / 2P |
1750W BeO Flanged Termination
REV.B OCT 16 2017 |
|
T50R0-350-1E
|
154Kb / 2P |
350W BeO Flanged Termination
REV.G FEB 1 2017 |
|
T50R0-500-10X
|
168Kb / 2P |
500W BeO Flanged Termination
REV.C OCT 15 2014 |
|
T50R0-800-11E
|
146Kb / 2P |
800W BeO Flanged Termination
REV.F FEB 1 2017 |