| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Vishay Barry |
TA50R0-250-25X
|
165Kb / 2P |
250W AlN Flanged Termination
REV.OCT 23 2014 |
|
TA50R0-800-9X
|
153Kb / 2P |
800W AlN Flanged Termination
REV.OCT 28 2014 |
|
TA50R0-10-1X
|
151Kb / 2P |
10W AlN Flanged Termination
REV. OCT 27 2014 |
|
TA50R0-10-3X
|
152Kb / 2P |
10W AlN Flanged Termination
REV. OCT 27 2014 |
|
TA50R0-30-10X
|
152Kb / 2P |
30W AlN Flanged Termination
REV.E OCT 27 2014 |
|
TA50R0-30-18X
|
153Kb / 2P |
30W AlN Flanged Termination
REV.B OCT 27 2014 |
|
TA50R0-60-12X
|
154Kb / 2P |
60W AlN Flanged Termination
REV.C OCT 22 2014 |
|
TA50R0-60-2X
|
156Kb / 2P |
60W AlN Flanged Termination
REV.A OCT 22 2014 |
|
TA50R0-60-3X
|
154Kb / 2P |
60W AlN Flanged Termination
REV.C OCT 22 2014 |
|
TA50R0-100-25X
|
156Kb / 2P |
100W AlN Flanged Termination
REV.E OCT 22 2014 |