전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

20703LEB1S0105 데이터시트 (PDF) - Advantech Co., Ltd.

20703LEB1S0105 Datasheet PDF - Advantech Co., Ltd.
부품명 20703LEB1S0105
다운로드  20703LEB1S0105 다운로드
파일 크기   692.76 Kbytes
페이지   2 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 Explosion-Proof DIN-Rail Gateway with C1D2/ATEX/IECEx Certification

20703LEB1S0105 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
20703LEB1S0105 Datasheet PDF - Advantech Co., Ltd.

부품명 20703LEB1S0105
다운로드  20703LEB1S0105 Click to download

파일 크기   692.76 Kbytes
페이지   2 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 Explosion-Proof DIN-Rail Gateway with C1D2/ATEX/IECEx Certification

20703LEB1S0105 데이터시트 (HTML) - Advantech Co., Ltd.


20703LEB1S0105 제품 세부 정보

Features
ƒ Intel® Atom® E3940 processor (1.6 GHz) with 8 GB DDR3L memory
ƒ Wide power input range (10 ~ 36 VDC)
ƒ 8 x DI, 8 x DO, and 2 x COM with port isolation
ƒ DP++ for HDMI/DVI compatibility
ƒ Dual storage with M.2 2242 SATA SSD and 2.5” HDD/SSD
ƒ Onboard TPM 2.0 provides hardware-based security
ƒ Supports M.2 3042/3052 module
ƒ Ruggedized DIN-rail mount kit
ƒ Compliant with IEC 61010-1 safety specifications
ƒ Explosion protection with UL C1D2/ATEX Zone 2/IECEx Zone 2 certified

General
ƒ Certification CE; FCC; CCC; UL 61010-2-201;
Class I, Division 2, Groups A, B, C, D
ATEX/IECEx Zone 2
ƒ Dimensions (W x D x H) 70 x 105 x 150 mm/2.8 x 4.1 x 5.9 in
ƒ Form Factor Small
ƒ Enclosure Aluminum housing
ƒ Mount Options DIN rail
ƒ Weight (Net) 1 kg/2.2 lb
ƒ Power Requirement 10 ~ 36 VDC
ƒ Power Consumption 21W (typical), 47W (max.)
ƒ OS Support Win 10 2019 LTSC, AdvLinux (Ubuntu 18.04)




유사한 부품 번호 - 20703LEB1S0105

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
20703LEB1S0101 ADVANTECH-20703LEB1S0101 Datasheet
514Kb / 2P
Intel® Celeron J3455 processor IoT Edge Computer, with 2 x LAN, 6 x COM, 4 x USB, 1 x HDMI, 1 x VGA
5-Aug-2021
20703LEB1S0101 ADVANTECH-20703LEB1S0101 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
20703LEB1S0101 ADVANTECH-20703LEB1S0101 Datasheet
6Mb / 3P
Waterproof Data Gateway with IP66 Rating and Explosion Protection
20-Jul-2022
More results


유사한 설명 - 20703LEB1S0105

제조업체부품명데이터시트상세설명
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
analog output Explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
Axiomtek Co., Ltd.
RBOX101-6COMATEX AXIOMTEK-RBOX101-6COMATEX_17 Datasheet
452Kb / 2P
ATEX Anti-Explosion Certified Robust Din-rail Fanless Embedded System
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com