전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NUP3105LT1G 데이터시트 (PDF) - TECH PUBLIC Electronics co LTD

NUP3105LT1G Datasheet PDF - TECH PUBLIC Electronics co LTD
부품명 NUP3105LT1G
다운로드  NUP3105LT1G 다운로드
파일 크기   1277.86 Kbytes
페이지   4 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 Dual Line CAN Bus Protector

NUP3105LT1G Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NUP3105LT1G Datasheet PDF - TECH PUBLIC Electronics co LTD

부품명 NUP3105LT1G
다운로드  NUP3105LT1G Click to download

파일 크기   1277.86 Kbytes
페이지   4 Pages
제조업체  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
홈페이지  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
상세설명 Dual Line CAN Bus Protector

NUP3105LT1G 데이터시트 (HTML) - TECH PUBLIC Electronics co LTD


NUP3105LT1G 제품 세부 정보

Features
● 300W peak pulse power(8/20μs)
● Protects two bi-directional lines
● Ultra low leakage: nA level
● Operating voltage: 32V
● Low clamping voltage
● Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
- IEC61000-4-4 (EFT) 40A (5/50ns)
-IEC61000-4-5 (Lightning) 4A (8/20μs)
● RoHS Compliant




유사한 부품 번호 - NUP3105LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP3105LT1G ONSEMI-NUP3105LT1G Datasheet
57Kb / 4P
Dual Line CAN Bus Protector
November, 2014 ??Rev. 0
NUP3105LT1G ONSEMI-NUP3105LT1G Datasheet
83Kb / 4P
Dual Line CAN Bus Protector
October, 2016 ??Rev. 3
More results


유사한 설명 - NUP3105LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com