전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APD0505-203 데이터시트 (PDF) - Skyworks Solutions Inc.

APD0505-203 Datasheet PDF - Skyworks Solutions Inc.
부품명 APD0505-203
다운로드  APD0505-203 다운로드
파일 크기   645.63 Kbytes
페이지   8 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 APD Series: Hermetic Ceramic Packaged Silicon PIN Diode Devices

APD0505-203 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
APD0505-203 Datasheet PDF - Skyworks Solutions Inc.

부품명 APD0505-203
다운로드  APD0505-203 Click to download

파일 크기   645.63 Kbytes
페이지   8 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 APD Series: Hermetic Ceramic Packaged Silicon PIN Diode Devices

APD0505-203 데이터시트 (HTML) - Skyworks Solutions Inc.


APD0505-203 제품 세부 정보

Features
 Established PIN diode process
 Low capacitance designs
 Voltage ratings to 200 V
 Tight control of I layer base width

Description
The Isolink APD series of silicon PIN diodes are designed for use
as switch and attenuator devices in high-performance RF and
microwave circuits. The PIN diode designs are useful over a wide
range of frequencies from below 100 MHz to beyond 20 GHz.
These devices use a well-established silicon technology resulting
in PIN diodes with tightly controlled I-region characteristics.
The low capacitance and low resistance of the APD0505 through
APD1520 diodes are ideal for switch applications that require
insertion loss and fast switching speed. For switch or attenuator
applications requiring high power and low distortion, the thick Iregion
and high reverse breakdown voltage of the APD2220 is
ideal.
The absolute maximum ratings of the APD diode series are
provided in Table 1. Electrical specifications are provided in
Table 2. Typical performance characteristics are provided in
Figures 1 through 6.




유사한 부품 번호 - APD0505-203

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
APD0505-203 SKYWORKS-APD0505-203 Datasheet
645Kb / 8P
Hermetic Ceramic Packaged Silicon PIN Diode Devices
July 10, 2017
More results


유사한 설명 - APD0505-203

제조업체부품명데이터시트상세설명
logo
Micross Components
PAD50_TO-72 MICROSS-PAD50_TO-72 Datasheet
264Kb / 1P
a low leakage Pico-Amp Diode packaged in hermetic
PAD100_TO-72 MICROSS-PAD100_TO-72 Datasheet
264Kb / 1P
a low leakage Pico-Amp Diode packaged in hermetic
logo
M/A-COM Technology Solu...
ODS-255 MA-COM-ODS-255 Datasheet
67Kb / 1P
Packaged PIN Diodes
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES Datasheet
389Kb / 7P
Packaged PIN Diodes
ODS-255 MA-COM-ODS-255_15 Datasheet
67Kb / 1P
Packaged PIN Diodes
PACKAGEDPINDIODES MA-COM-PACKAGEDPINDIODES_15 Datasheet
389Kb / 7P
Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
Switch and Attenuator Plastic Packaged PIN Diode
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
APD-SERIES SKYWORKS-APD-SERIES Datasheet
645Kb / 8P
Hermetic Ceramic Packaged Silicon PIN Diode Devices
July 10, 2017
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com