전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLA4605-085LF 데이터시트 (PDF) - Skyworks Solutions Inc.

CLA4605-085LF Datasheet PDF - Skyworks Solutions Inc.
부품명 CLA4605-085LF
다운로드  CLA4605-085LF 다운로드
파일 크기   633.21 Kbytes
페이지   8 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Surface-Mount Limiter Diode

CLA4605-085LF Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
CLA4605-085LF Datasheet PDF - Skyworks Solutions Inc.

부품명 CLA4605-085LF
다운로드  CLA4605-085LF Click to download

파일 크기   633.21 Kbytes
페이지   8 Pages
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
상세설명 Surface-Mount Limiter Diode

CLA4605-085LF 데이터시트 (HTML) - Skyworks Solutions Inc.


CLA4605-085LF 제품 세부 정보

Features
• Low thermal resistance: 91 °C/W
• Typical threshold level: +9 dBm
• Low capacitance: 0.32 pF
• Low profile, ultra-miniature QFN (3-pin, 2 x 2 mm) package
(MSL1, 260 °C per JEDEC J-STD-020)

Description
The CLA4605-085LF is a surface-mountable, low-capacitance
silicon PIN limiter diode designed as a shunt connected PIN diode
for high power limiter applications from 10 MHz to over 6 GHz.
Maximum resistance at 10 mA is 2 Ω and maximum capacitance
at 6 V is 0.45 pF. The combination of low junction capacitance,
low parasitic inductance, low thermal resistance, and nominal
2 um I-region width, makes the CLA4605-085LF useful in large
signal limiter applications. The threshold level is +9 dBm,
nominal.
A block diagram of the CLA4605-085LF is shown in Figure 1. The
absolute maximum ratings of the CLA4605-085LF are provided in
Table 1. Electrical specifications are provided in Table 2.
Typical performance characteristics of the CLA4605-085LF are
provided in Table 3 and illustrated in Figures 4 and 5.




유사한 부품 번호 - CLA4605-085LF

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
CLA4605-000 SKYWORKS-CLA4605-000 Datasheet
159Kb / 4P
Silicon Limiter Diode Chips
CLA4605-000 SKYWORKS-CLA4605-000 Datasheet
177Kb / 12P
Silicon Limiter Diodes, Packaged and Bondable Chips
CLA4605-000 SKYWORKS-CLA4605-000 Datasheet
453Kb / 9P
Established Skyworks limiter diode process
More results


유사한 설명 - CLA4605-085LF

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VLL1592 CPI-VLL1592 Datasheet
273Kb / 1P
Diode Limiter
VLL1910 CPI-VLL1910 Datasheet
121Kb / 1P
Diode Limiter
VLU1744 CPI-VLU1744 Datasheet
156Kb / 1P
Diode Limiter
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
Surface Mount PIN & Limiter Diodes
logo
Skyworks Solutions Inc.
CLA4603-085LF SKYWORKS-CLA4603-085LF Datasheet
984Kb / 9P
Surface-Mount Limiter Diode
June 25, 2020
CLA4606-085LF SKYWORKS-CLA4606-085LF Datasheet
642Kb / 8P
Surface-Mount Limiter Diode
June 25, 2020
CLA4607-085LF SKYWORKS-CLA4607-085LF Datasheet
654Kb / 8P
Surface-Mount Limiter Diode
June 25, 2020
CLA4608-085LF SKYWORKS-CLA4608-085LF Datasheet
647Kb / 8P
Surface-Mount Limiter Diode
June 25, 2020
CLA4609-086LF SKYWORKS-CLA4609-086LF Datasheet
842Kb / 9P
Surface-Mount Limiter Diode
December 20, 2021
SMP1330-085LF SKYWORKS-SMP1330-085LF Datasheet
633Kb / 8P
Surface-Mount Limiter Diode
June 25, 2020
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com