전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPG2717 데이터시트 (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CPG2717 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
부품명 CPG2717
다운로드  CPG2717 다운로드
파일 크기   774.21 Kbytes
페이지   4 Pages
제조업체  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
홈페이지  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
상세설명 High Current Power Inductor

CPG2717 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
CPG2717 Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

부품명 CPG2717
다운로드  CPG2717 Click to download

파일 크기   774.21 Kbytes
페이지   4 Pages
제조업체  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
홈페이지  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
상세설명 High Current Power Inductor

CPG2717 데이터시트 (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CPG2717 제품 세부 정보

Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See
▪ Environmental:RoHS compliant, halogen free
▪ Weight:31.67 g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃

Application:
▪ AudioVisual:Mini component,AV ampllifier,Amplifier for profes
▪ high current power supplies, Battery power devices
▪ DC/DC converters in distributed power systems




유사한 부품 번호 - CPG2717

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
CPG TEC-CPG Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Same Sky Devices
CPG-01-N-B SAMESKY-CPG-01-N-B Datasheet
187Kb / 2P
PCB PIN
09/12/2024
CPG-01-SMT-TR SAMESKY-CPG-01-SMT-TR Datasheet
241Kb / 4P
POGO PIN
09/12/2024
CPG-01-TH-B SAMESKY-CPG-01-TH-B Datasheet
217Kb / 3P
POGO PIN
09/12/2024
CPG-02-N-B SAMESKY-CPG-02-N-B Datasheet
194Kb / 2P
PCB PIN
09/12/2024
More results


유사한 설명 - CPG2717

제조업체부품명데이터시트상세설명
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com