전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB-SMI6B-12-4-P5 데이터시트 (PDF) - Advantech Co., Ltd.

BB-SMI6B-12-4-P5 Datasheet PDF - Advantech Co., Ltd.
부품명 BB-SMI6B-12-4-P5
다운로드  BB-SMI6B-12-4-P5 다운로드
파일 크기   586.57 Kbytes
페이지   2 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 AC-DC Power Supply 6W, 12 V, 0.5 A

BB-SMI6B-12-4-P5 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
BB-SMI6B-12-4-P5 Datasheet PDF - Advantech Co., Ltd.

부품명 BB-SMI6B-12-4-P5
다운로드  BB-SMI6B-12-4-P5 Click to download

파일 크기   586.57 Kbytes
페이지   2 Pages
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
상세설명 AC-DC Power Supply 6W, 12 V, 0.5 A

BB-SMI6B-12-4-P5 데이터시트 (HTML) - Advantech Co., Ltd.


BB-SMI6B-12-4-P5 제품 세부 정보

+ DOE Level VI, CoC, Tier 2 Energy Efficiency
+ Universal Input Voltage Range: 90 ~ 264 Vac
+ Up to 6 Watt Continuous Output Power
+ Single Regulated DC Output: 5 ~ 15 Vdc
+ Interchangeable, International AC Input Blades (kit included)
(North America, Europe, UK, Australia)
+ Over-voltage and Short Circuit Protections
+ cULus, GS, RCM, CCC, PSE, CE, RoHS, FCC




유사한 부품 번호 - BB-SMI6B-12-4-P5

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
BB-SMI6B-12-V-ST ADVANTECH-BB-SMI6B-12-V-ST Datasheet
381Kb / 1P
Isolated In-line Serial Converters
BB-SMI6B-12-V-ST ADVANTECH-BB-SMI6B-12-V-ST Datasheet
351Kb / 2P
Battery Powered RS-232 to RS-485 Serial Converter
BB-SMI6B-12-V-ST ADVANTECH-BB-SMI6B-12-V-ST Datasheet
1Mb / 7P
Inline, Commercial-grade RS-232 to RS-485 Serial Converters – with port power options
7-Oct-2022
BB-SMI6B-12-V-ST ADVANTECH-BB-SMI6B-12-V-ST Datasheet
1Mb / 7P
Inline, Commercial-grade RS-232 to RS-485 Serial Converters – with port power options
27.Dec.2023
More results


유사한 설명 - BB-SMI6B-12-4-P5

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
logo
Recom International Pow...
RACD06 RECOM-RACD06 Datasheet
95Kb / 2P
6W AC-DC Class II LED Power Supply
logo
MORNSUN Science& Techno...
LDE06-20B03 MORNSUN-LDE06-20B03 Datasheet
1Mb / 5P
6W, AC/DC converter
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
logo
Advantech Co., Ltd.
BB-SMI6-12-V-P230-C1 ADVANTECH-BB-SMI6-12-V-P230-C1 Datasheet
647Kb / 2P
AC-DC Power Supplies - 6W
logo
TRACO Electronic AG
TIW12 TRACOPOWER-TIW12 Datasheet
1Mb / 4P
AC/DC Power Supply TIW 12 Series, 12 Watt
Rev. November 30, 2022
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com