전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AOZ22555QI 데이터시트 (PDF) - Alpha & Omega Semiconductors

AOZ22555QI Datasheet PDF - Alpha & Omega Semiconductors
부품명 AOZ22555QI
다운로드  AOZ22555QI 다운로드
파일 크기   2256.35 Kbytes
페이지   16 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 25V/15A Synchronous EZBuckTM Regulator

AOZ22555QI Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AOZ22555QI Datasheet PDF - Alpha & Omega Semiconductors

부품명 AOZ22555QI
다운로드  AOZ22555QI Click to download

파일 크기   2256.35 Kbytes
페이지   16 Pages
제조업체  AOSMD [Alpha & Omega Semiconductors]
홈페이지  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
상세설명 25V/15A Synchronous EZBuckTM Regulator

AOZ22555QI 데이터시트 (HTML) - Alpha & Omega Semiconductors


AOZ22555QI 제품 세부 정보

General Description
The AOZ22555QI is a high-efficiency, easy-to-use DC/DC
synchronous buck regulator that operates up to 25 V. The
device is capable of supplying 15 A of continuous output
current with an output voltage adjustable down to 0.6 V
(±1.0%).
The AOZ22555QI integrates an internal linear regulator to
generate 5.3 V VCC from input. If input voltage is lower than
5.3 V, the linear regulator operates at low drop output mode,
which allows the VCC voltage is equal to input voltage minus
the drop-output voltage of the internal linear regulator.
A proprietary constant on-time PWM control with input
feed-forward results in ultra-fast transient response while
maintaining relatively constant switching frequency over
the entire input voltage range. A low 80 ns minimum on-time
enables very low output voltages at ultra-high operating
frequencies.
Integrated AC ripple injection enables all-ceramic low ESR
output filter capacitors and smaller PCB footprint with no
external components needed.
Selectable PFM mode optimizes light load efficiency while
forced PWM mode maintains constant frequency for lower
harmonic noise.
The device features multiple protection functions such as
VCC under-voltage lockout, cycle-by-cycle current limit,
output over-voltage protection, short-circuit protection, and
thermal shutdown.
The AOZ22555QI is available in a 4mm×4mm QFN-23L
package and is rated over a -40°C to +85°C ambient
temperature range.

Features
• Wide input voltage range
- 6.5 V to 25 V
• 15 A continuous output current
• Output voltage adjustable down to 0.6 V (±1.0%)
• Low RDS(ON) internal NFETs
- 11 mΩ high-side
- 4 mΩ low-side
• Internal LDO
• Constant On-Time with input feed-forward
• Programmable on-time up to 3.5 μs and down to 80 ns
• Programmable Switching Frequency Range up to 1MHz
(For 12VIN to 1VOUT)
• Selectable PFM or forced PWM light load operation
• Ceramic capacitor stable
• Remote Sense
• Adjustable current limit setting
• Adjustable soft start
• Power Good output
• Integrated bootstrap diode
• Under-voltage protection and over-voltage protection
• Cycle-by-cycle current limit
• Short-circuit protection
• Thermal shutdown
• Thermally enhanced 23-pin 4mm × 4mm QFN

Applications
• Compact PCs and gaming systems
• Set-top boxes and LCD TVs
• Server & Storage systems
• Datacom and networking
• Embedded computing
• Point-of-load DC/DC converters




유사한 부품 번호 - AOZ22555QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ22557QI AOSMD-AOZ22557QI Datasheet
2Mb / 18P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 April 2022
AOZ22559QI AOSMD-AOZ22559QI Datasheet
2Mb / 19P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.1 October 2023
AOZ2255AQI-30 AOSMD-AOZ2255AQI-30 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255AQI-31 AOSMD-AOZ2255AQI-31 Datasheet
819Kb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.0 February 2021
AOZ2255EQI-30 AOSMD-AOZ2255EQI-30 Datasheet
1Mb / 15P
28V/12A Synchronous EZBuckTM Regulator
Rev 1.2 June 2018
More results


유사한 설명 - AOZ22555QI

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-11 AOSMD-AOZ2264QI-11 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-19 AOSMD-AOZ2264QI-19 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-20 AOSMD-AOZ2264QI-20 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ2264QI-15 AOSMD-AOZ2264QI-15 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2387QI AOSMD-AOZ2387QI Datasheet
3Mb / 18P
25V/20A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ2388QI AOSMD-AOZ2388QI Datasheet
2Mb / 18P
25V/25A Synchronous EZBuckTM Regulator
Rev. 1.0 June 2022
AOZ22557QI AOSMD-AOZ22557QI Datasheet
2Mb / 18P
25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 April 2022
More results




Alpha & Omega Semiconductors 에 대하여


ALPHA & OMEGA SEMICONDUCTORS (AOS)는 전력 관리 통합 회로 (ICS)의 설계 및 제조를 전문으로하는 글로벌 반도체 회사입니다.
이 회사는 1995 년에 설립되었으며 캘리포니아 산호세에 본사를두고 있습니다.
AOS는 소비자 전자, 컴퓨팅, 통신 및 산업 시스템의 응용 분야를위한 광범위한 전력 관리 솔루션을 제공합니다.
이 회사는 최첨단 기술과 혁신적인 제품으로 유명하며 반도체 산업에서 강력한 명성을 얻었습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com